Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADE7156 Datasheet(PDF) 37 Page - Analog Devices

No. de pieza ADE7156
Descripción Electrónicos  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADE7156 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7156_15 Datasheet HTML 33Page - Analog Devices ADE7156_15 Datasheet HTML 34Page - Analog Devices ADE7156_15 Datasheet HTML 35Page - Analog Devices ADE7156_15 Datasheet HTML 36Page - Analog Devices ADE7156_15 Datasheet HTML 37Page - Analog Devices ADE7156_15 Datasheet HTML 38Page - Analog Devices ADE7156_15 Datasheet HTML 39Page - Analog Devices ADE7156_15 Datasheet HTML 40Page - Analog Devices ADE7156_15 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 37 of 152
OPERATING MODES
PSM0 (NORMAL MODE)
In PSM0, or normal operating mode, VSWOUT is connected to
VDD. All of the analog circuitry and the digital circuitry powered
by VINTD and VINTA are enabled by default. In normal mode, the
default clock frequency, fCORE, which is established during a
power-on reset or software reset, is 1.024 MHz.
PSM1 (BATTERY MODE)
In PSM1, or battery mode, VSWOUT is connected to VBAT. In this
operating mode, the 8052 core and all of the digital circuitry are
enabled by default. The analog circuitry for the ADE energy
metering DSP powered by VINTA is disabled. This analog circuitry
automatically restarts, and the switch to the VDD power supply
occurs, when the VDD supply is >2.75 V and the PWRDN bit in
the MODE1 register (Address 0x0B) is cleared (see Table 33). The
default fCORE for PSM1, established during a power-on reset or
software reset, is 1.024 MHz.
PSM2 (SLEEP MODE)
PSM2 is a low power consumption sleep mode for use in battery
operation. In this mode, VSWOUT is connected to VBAT. All of the
2.5 V digital and analog circuitry powered through VINTA and VINTD
is disabled, including the MCU core, resulting in the following:
The RAM in the MCU is no longer valid.
The program counter for the 8052, also held in volatile
memory, becomes invalid when the 2.5 V supply is shut
down. Therefore, the program does not resume from
where it left off but always starts from the power-on reset
vector when the ADE7116/ADE7156/ADE7166/ADE7169/
ADE7566/ADE7569 exit PSM2.
The 3.3 V peripherals (temperature ADC1, VDCIN ADC1, RTC,
and LCD) are active in PSM2. They can be enabled or disabled
to reduce power consumption and are configured for PSM2
operation when the MCU core is active (see Table 29 for more
information about the peripherals and their PSM2 configuration).
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 remain in PSM2 until an event occurs to wake them up.
In PSM2 mode, the ADE7116/ADE7156/ADE7166/ADE7169/
ADE7566/ADE7569 provide four scratch pad RAM SFRs that
are maintained during this mode. These SFRs can be used
to save data from PSM0 or PSM1 mode when entering PSM2
mode (see Table 22 to Table 25).
In PSM2, the ADE7116/ADE7156/ADE7166/ADE7169/
ADE7566/ADE7569 maintain some SFRs (see Table 28). The
SFRs that are not listed in this table should be restored when the
part enters PSM0 or PSM1 mode from PSM2 mode.
Table 28. SFRs Maintained in PSM2 Mode
I/O Configuration
Power Supply Management
RTC Peripherals
LCD Peripherals
Interrupt pins configuration SFR
(INTPR, Address 0xFF); see Table 17
Battery detection threshold SFR
(BATVTH, Address 0xFA); see
Table 52
RTC nominal compensation SFR
(RTCCOMP, Address 0xF6); see
Table 134
LCD Segment Enable 2 SFR
(LCDSEGE2, Address 0xED); see
Table 98
Peripheral configuration SFR
(PERIPH, Address 0xF4);
see Table 20
Battery switchover configuration
SFR (BATPR, Address 0xF5); see
Table 19
RTC temperature compensation
SFR (TEMPCAL, Address 0xF7);
see Table 135
LCD Configuration Y SFR
(LCDCONY, Address 0xB1); see
Table 91
Port 0 weak pull-up enable SFR
(PINMAP0, Address 0xB2); see
Table 157
Battery ADC value SFR
(BATADC, Address 0xDF); see
Table 541
RTC configuration SFR (TIMECON,
Address 0xA1); see Table 128
LCD Configuration X SFR
(LCDCONX, Address 0x9C); see
Table 89
Port 1 weak pull-up enable SFR
(PINMAP1, Address 0xB3); see
Table 158
Peripheral ADC strobe period SFR
(STRBPER, Address 0xF9);
see Table 491
Hundredths of a second counter
SFR (HTHSEC, 0xA2); see Table 129
LCD configuration SFR
(LCDCON, Address 0x95); see
Table 88
Port 2 weak pull-up enable SFR
(PINMAP2, Address 0xB4); see
Table 159
Temperature and supply delta SFR
(DIFFPROG, Address 0xF3); see
Table 501
Seconds counter SFR (SEC, 0xA3);
see Table 130
LCD clock SFR (LCDCLK,
Address 0x96); see Table 92
Scratch Pad 1 SFR (SCRATCH1,
Address 0xFB); see Table 22
VDCIN ADC value SFR (VDCINADC,
Address 0xEF); see Table 531
Minutes counter SFR (MIN, 0xA4);
see Table 131
LCD segment enable SFR
(LCDSEGE, Address 0x97); see
Table 95
Scratch Pad 2 SFR (SCRATCH2,
Address 0xFC); see Table 23
Temperature ADC value SFR
(TEMPADC, Address 0xD7); see
Table 551
Hours counter SFR (HOUR, 0xA5);
see Table 132
LCD pointer SFR (LCDPTR,
Address 0xAC); see Table 96
Scratch Pad 3 SFR (SCRATCH3,
Address 0xFD); see Table 24
Alarm interval SFR (INTVAL, 0xA6);
see Table 133
LCD data SFR (LCDDAT,
Address 0xAE); see Table 97
Scratch Pad 4 SFR (SCRATCH4,
Address 0xFE); see Table 25
1 This feature is not available in the ADE7116.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com