Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IDT8P34S1106I Datasheet(PDF) 2 Page - Integrated Device Technology

No. de pieza IDT8P34S1106I
Descripción Electrónicos  One differential clock input pair
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8P34S1106I Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT8P34S1106I Datasheet HTML 1Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 2Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 3Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 4Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 5Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 6Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 7Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 8Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
IDT8P34S1106NLGI Data Sheet
1:6 LVDS Output 1.8V Fanout Buffer
IDT8P34S1106NLGI REVISION A JANUARY 22, 2014
2
©2014 Integrated Device Technology, Inc.
Pin Description and Pin Characteristic Tables
Table 1. Pin DescriptionsNote1.
1.
Pulldown and Pullup refers to an internal input resistors. See Table 2, Pin Characteristics, for typical values.
Number
Name
Type
Description
1
GND
Power
Power supply ground.
2, 3
Q5, nQ5
Output
Differential output pair 5. LVDS interface levels.
4
NC
Unused
Do not connect.
5, 11, 20
VDD
Power
Power supply pins.
6
CLK
Input
Pulldown
Non-inverting differential clock/data input.
7
nCLK
Input
Pulldown/
Pullup
Inverting differential clock/data input.
8VREF
Bias voltage reference. Provides an input bias voltage for the CLK, nCLK
input pair in AC-coupled applications. Refer to Figures 2B and 2C for
applicable AC-coupled input interfaces.
9, 10
Q0, nQ0
Output
Differential output pair 0. LVDS interface levels.
12, 13
Q1, nQ1
Output
Differential output pair 1. LVDS interface levels.
14, 15
Q2, nQ2
Output
Differential output pair 2. LVDS interface levels.
16, 17
Q3, nQ3
Output
Differential output pair 3. LVDS interface levels.
18, 19
Q4, nQ4
Output
Differential output pair 4. LVDS interface levels.
Table 2. Pin Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com