Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IDT8P34S1106I Datasheet(PDF) 1 Page - Integrated Device Technology

No. de pieza IDT8P34S1106I
Descripción Electrónicos  One differential clock input pair
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8P34S1106I Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT8P34S1106I Datasheet HTML 1Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 2Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 3Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 4Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 5Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 6Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 7Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 8Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
IDT8P34S1106NLGI REVISION A JANUARY 22, 2014
1
©2014 Integrated Device Technology, Inc.
DATA SHEET
1:6 LVDS Output 1.8V Fanout Buffer
IDT8P34S1106I
General Description
The IDT8P34S1106I is a high-performance differential LVDS fanout
buffer. The device is designed for the fanout of high-frequency, very
low additive phase-noise clock and data signals. The
IDT8P34S1106I is characterized to operate from a 1.8V power
supply. Guaranteed output-to-output and part-to-part skew
characteristics make the IDT8P34S1106I ideal for those clock
distribution applications demanding well-defined performance and
repeatability. One differential input and six low skew outputs are
available. The integrated bias voltage reference enables easy
interfacing of single-ended signals to the differential device input. The
device is optimized for low power consumption and low additive
phase jitter.
Features
Six low skew, low additive jitter LVDS output pairs
One differential clock input pair
Differential CLK, nCLK pair can accept the following differential
input levels: LVDS, CML
Maximum input clock frequency: 1.2GHz (maximum)
Output skew: 20ps (typical)
Propagation delay: 290ps (typical)
Low additive phase jitter, RMS; f
REF = 156.25MHz, VPP = 1V,
12kHz- 20MHz: 39fs (typical)
Full 1.8V supply voltage
Lead-free (RoHS 6), 20-Lead VFQFN packaging
-40°C to 85°C ambient operating temperature
Block Diagram
Pin Assignment
IDT8P34S1106I
20-lead VFQFN
4mm x 4mm x 0.925mm package body
2.1mm x 2.1mm ePad Size
NL Package
Top View
CLK
nCLK
VREF
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
VREF
VDD
15
14
13
12
11
Q3 16
Top View
10
nQ0
nQ3 17
9
Q0
Q4 18
8
VREF
nQ4 19
7
nCLK
VDD 20
6
CLK
1
2345


Número de pieza similar - IDT8P34S1106I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT8P34S1102I IDT-IDT8P34S1102I Datasheet
292Kb / 18P
Two low skew, low additive jitter LVDS output pairs
IDT8P34S1102I IDT-IDT8P34S1102I Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
IDT8P34S1102I IDT-IDT8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
More results

Descripción similar - IDT8P34S1106I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ICS854S006I IDT-ICS854S006I Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
One differential input reference clock
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
One differential input reference clock
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
One differential input reference clock
8731-01 IDT-8731-01 Datasheet
255Kb / 17P
Differential reference clock input pair
ICS854S054I IDT-ICS854S054I Datasheet
1Mb / 14P
One differential LVDS output pair
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
One differential LVDS output pair
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
One differential clock input pair
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
One differential LVPECL output pair
logo
Integrated Silicon Solu...
IS43R32800B ISSI-IS43R32800B Datasheet
556Kb / 39P
Differential clock input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com