Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IDT8P34S1106I Datasheet(PDF) 4 Page - Integrated Device Technology

No. de pieza IDT8P34S1106I
Descripción Electrónicos  One differential clock input pair
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8P34S1106I Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT8P34S1106I Datasheet HTML 1Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 2Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 3Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 4Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 5Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 6Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 7Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 8Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
IDT8P34S1106NLGI Data Sheet
1:6 LVDS Output 1.8V Fanout Buffer
IDT8P34S1106NLGI REVISION A JANUARY 22, 2014
4
©2014 Integrated Device Technology, Inc.
Table 3B. Differential Input Characteristics, VDD = 1.8V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK, nCLK
VIN = VDD = 1.89V
150
µA
IIL
Input Low Current
CLK
VIN = 0V, VDD = 1.89V
-10
µA
nCLK
VIN = 0V, VDD = 1.89V
-150
µA
VREF
Reference Voltage for Input
BiasNote1.
1.
VREF specification is applicable to the AC-coupled input interfaces shown in Figures 2B and 2C.
IREF = +100µA, VDD = 1.8V
0.9
1.30
V
VPP
Peak-to-Peak Voltage
VDD = 1.89V
0.2
1.0
V
VCMR
Common Mode Input VoltageNote2.
Note3.
2.
Common mode input voltage is defined as crosspoint voltage.
3.
VIL should not be less than -0.3V and VIH should not be higher than VDD.
0.9
VDD – (VPP/2)
V
Table 3C. LVDS DC Characteristics, VDD = 1.8V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
Outputs Loaded with 100
247
350
454
mV
V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.0
1.23
1.4
V
V
OS
VOS Magnitude Change
50
mV
Note3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com