Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IDT8P34S1106I Datasheet(PDF) 5 Page - Integrated Device Technology

No. de pieza IDT8P34S1106I
Descripción Electrónicos  One differential clock input pair
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8P34S1106I Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT8P34S1106I Datasheet HTML 1Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 2Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 3Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 4Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 5Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 6Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 7Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 8Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IDT8P34S1106NLGI Data Sheet
1:6 LVDS Output 1.8V Fanout Buffer
IDT8P34S1106NLGI REVISION A JANUARY 22, 2014
5
©2014 Integrated Device Technology, Inc.
AC Electrical Characteristics
Table 4. AC Electrical Characteristics, VDD = 1.8V ± 5%, TA = -40°C to 85°C
Note1.
1.
Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equi-
librium has been reached under these conditions.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fREF
Input
Frequency
CLK, nCLK
1.2
GHz
V/t
Input
Edge Rate
CLK, nCLK
1.5
V/ns
tPD
Propagation DelayNote2.
2.
Measured from the differential input crossing point to the differential output crossing point
CLK, nCLK to any Qx, nQx
for VPP = 0.4V
190
290
400
ps
tsk(o)
Output SkewNote3. Note4.
3.
Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross points.
4.
This parameter is defined in accordance with JEDEC Standard 65.
20
40
ps
tsk(p)
Pulse Skew
fREF = 100MHz
4
20
ps
tsk(pp)
Part-to-Part SkewNote5.
5.
Defined as skew between outputs on different devices operating at the same supply voltage, same frequency, same temperature and with
equal load conditions. Using the same type of input on each device, the outputs are measured at the differential cross points.
250
ps
tJIT
Buffer Additive Phase
Jitter, RMS; refer to
Additive Phase Jitter
Section
fREF = 122.88MHz Square Wave, VPP = 1V,
Integration Range: 1kHz – 40MHz
117
221
fs
fREF = 122.88MHz Square Wave, VPP = 1V,
Integration Range: 10kHz – 20MHz
89
110
fs
fREF = 122.88MHz Square Wave, VPP = 1V,
Integration Range: 12kHz – 20MHz
85
110
fs
fREF = 156.25MHz Square Wave, VPP = 1V,
Integration Range: 1kHz – 40MHz
52
107
fs
fREF = 156.25MHz Square Wave, VPP = 1V,
Integration Range: 10kHz – 20MHz
40
78
fs
fREF = 156.25MHz Square Wave, VPP = 1V,
Integration Range: 12kHz – 20MHz
39
78
fs
fREF = 156.25MHz Square Wave, VPP = 0.5V,
Integration Range: 1kHz – 40MHz
51
112
fs
fREF = 156.25MHz Square Wave, VPP = 0.5V,
Integration Range: 10kHz – 20MHz
37
85
fs
fREF = 156.25MHz Square Wave, VPP = 0.5V,
Integration Range: 12kHz – 20MHz
36
85
fs
tR / tF
Output Rise/ Fall Time
10% to 90%
outputs loaded with 100
270
400
ps
20% to 80%
outputs loaded with 100
162
260
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com