Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IDT8P34S1106I Datasheet(PDF) 10 Page - Integrated Device Technology

No. de pieza IDT8P34S1106I
Descripción Electrónicos  One differential clock input pair
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8P34S1106I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT8P34S1106I Datasheet HTML 6Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 7Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 8Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 9Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 10Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 11Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 12Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 13Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IDT8P34S1106NLGI Data Sheet
1:6 LVDS Output 1.8V Fanout Buffer
IDT8P34S1106NLGI REVISION A JANUARY 22, 2014
10
©2014 Integrated Device Technology, Inc.
Applications Information
Wiring the Differential Input to Accept Single-Ended Levels
Figure 1 shows how a differential input can be wired to accept single
ended levels. The reference voltage V1= VDD/2 is generated by the
bias resistors R1 and R2. The bypass capacitor (C1) is used to help
filter noise on the DC bias. This bias circuit should be located as close
to the input pin as possible. The ratio of R1 and R2 might need to be
adjusted to position the V1in the center of the input voltage swing. For
example, if the input clock swing is 1.8V and VDD = 1.8V, R1 and R2
value should be adjusted to set V1 at 0.9V. The values below are for
when both the single ended swing and VDD are at the same voltage.
This configuration requires that the sum of the output impedance of
the driver (Ro) and the series resistance (Rs) equals the transmission
line impedance. In addition, matched termination at the input will
attenuate the signal in half. This can be done in one of two ways.
First, R3 and R4 in parallel should equal the transmission line
impedance. For most 50
 applications, R3 and R4 can be 100. The
values of the resistors can be increased to reduce the loading for
slower and weaker LVCMOS driver. When using single-ended
signaling, the noise rejection benefits of differential signaling are
reduced. Even though the differential input can handle full rail
LVCMOS signaling, it is recommended that the amplitude be
reduced. The datasheet specifies a lower differential amplitude,
however this only applies to differential signals. For single-ended
applications, the swing can be larger, however VIL cannot be less
than -0.3V and VIH cannot be more than VDD + 0.3V. Though some
of the recommended components might not be used, the pads
should be placed in the layout. They can be utilized for debugging
purposes. The datasheet specifications are characterized and
guaranteed by using a differential signal.
Figure 1. Recommended Schematic for Wiring a Differential Input to Accept Single-ended Levels
Recommendations for Unused Output Pins
Outputs:
LVDS Outputs
Unused LVDS outputs must either have a 100
 differential
termination or have a 100
 pullup resistor to V
DD in order to ensure
proper device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com