Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IDT8P34S1106I Datasheet(PDF) 3 Page - Integrated Device Technology

No. de pieza IDT8P34S1106I
Descripción Electrónicos  One differential clock input pair
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8P34S1106I Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT8P34S1106I Datasheet HTML 1Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 2Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 3Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 4Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 5Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 6Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 7Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 8Page - Integrated Device Technology IDT8P34S1106I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IDT8P34S1106NLGI Data Sheet
1:6 LVDS Output 1.8V Fanout Buffer
IDT8P34S1106NLGI REVISION A JANUARY 22, 2014
3
©2014 Integrated Device Technology, Inc.
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC
Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
DC Electrical Characteristics
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, IO
Continuous Current
Surge Current
10mA
15mA
Input Sink/Source, IREF
±2mA
Maximum Junction Temperature, TJ,MAX
125°C
Storage Temperature, TSTG
-65°C to 150°C
ESD - Human Body ModelNote1.
1.
According to JEDEC JS-001-2012/JESD22-C101E.
2000V
ESD - Charged Device ModelNote 1
1500V
Table 3A. Power Supply DC Characteristics, VDD = 1.8V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Power Supply Voltage
1.71
1.8
1.89
V
IDD
Power Supply Current
Q0 to Q5 terminated 100
 between nQx, Qx
100
114
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com