Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

8T73S208A-01 Datasheet(PDF) 4 Page - Integrated Device Technology

No. de pieza 8T73S208A-01
Descripción Electrónicos  One differential input reference clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208A-01 Datasheet(HTML) 4 Page - Integrated Device Technology

  8T73S208A-01 Datasheet HTML 1Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 2Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 3Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 4Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 5Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 6Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 7Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 8Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
8T73S208A-01 DATA SHEET
2.5V, 3.3V DIFFERENTIAL LVPECL CLOCK DIVIDER AND BUFFER
4
REVISION 1 06/15/15
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of the product at these conditions or any conditions beyond those listed in the DC Characteristics or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = VCCO = 2.5V ± 5% or 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Input Termination Current, IVT
±35mA
Outputs, IO (LVPECL)
Continuous Current
Surge Current
50mA
100mA
Storage Temperature, TSTG
-65
C to 150C
Maximum Junction Temperature, TJMAX
125°C
ESD - Human Body Model1
NOTE 1:According to JEDEC/JS-001-2012/JESD22-C101E.
2000V
ESD - Charged Device Model
500V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Power Supply Voltage
2.375
2.5V
2.625
V
VCC
Power Supply Voltage
3.135
3.3V
3.465
V
VCCO
Output Supply Voltage
2.375
2.5V
2.625
V
VCCO
Output Supply Voltage
3.135
3.3V
3.465
V
IEE
Power Supply Current
88
95
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com