Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

8T73S208A-01 Datasheet(PDF) 7 Page - Integrated Device Technology

No. de pieza 8T73S208A-01
Descripción Electrónicos  One differential input reference clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208A-01 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 8T73S208A-01 Datasheet HTML 3Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 4Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 5Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 6Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 7Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 8Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 9Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 10Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
REVISION 1 06/15/15
7
2.5V, 3.3V DIFFERENTIAL LVPECL CLOCK DIVIDER AND BUFFER
8T73S208A-01 DATA SHEET
AC Electrical Characteristics
Table 5. AC Electrical Characteristics, VCC = VCCO = 2.5V ± 5% or 3.3V ± 5%, TA = -40°C to 85°C
Symbol
Parameter1
NOTE 1: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device
is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal
equilibrium has been reached under these conditions.
Test Conditions
Minimum
Typical
Maximum
Units
fREF
Input Frequency
IN, nIN
1GHz
fSCL
I2C Clock Frequency
400
kHz
tJIT
Buffer Additive Phase Jitter,
RMS; refer to Additive Phase
Jitter Section, measured with
FSEL[1:0] = 00
fREF =156.25MHz,
Integration Range: 12kHz – 20MHz
182
207
fs
tPD
Propagation Delay2
NOTE 2: Measured from the differential input crossing point to the differential output cross point.
IN, nIN to
Qx, nQx
FSEL[1:0] = 00
350
750
fs
FSEL[1:0] = 01
500
870
ps
FSEL[1:0] = 10
550
1052
ps
FSEL[1:0] = 11
650
1230
ps
tsk(o)
Output Skew3, 4
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross point.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
60
ps
tsk(p)
Pulse Skew
50
ps
tsk(pp)
Part-to-Part Skew3, 5, 6
NOTE 5: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature, same frequency and
with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross point.
NOTE 6: Part-to-part skew specification does not guarantee divider synchronization among devices.
500
ps
odc
Output Duty Cycle7
NOTE 7: If FSEL[1:0] = 00 (divide-by-one), the output duty cycle will depend on the input duty cycle.
Any Frequency
50
%
at fREF = 100MHz
48
50
52
%
at fREF = 125MHz
48
50
52
%
at fREF = 156.25MHz
48
50
52
%
tPDZ
Output Enable and Disable
Time8
NOTE 8: Measured from SDA rising edge of I2C stop command.
Output Enable/ Disable State from/ to
Active/ Inactive
1µs
tR / tF
Output Rise/Fall Time
20% to 80%
140
205
ps
10% to 90%
180
350
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com