Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

8T73S208A-01 Datasheet(PDF) 5 Page - Integrated Device Technology

No. de pieza 8T73S208A-01
Descripción Electrónicos  One differential input reference clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208A-01 Datasheet(HTML) 5 Page - Integrated Device Technology

  8T73S208A-01 Datasheet HTML 1Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 2Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 3Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 4Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 5Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 6Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 7Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 8Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
REVISION 1 06/15/15
5
2.5V, 3.3V DIFFERENTIAL LVPECL CLOCK DIVIDER AND BUFFER
8T73S208A-01 DATA SHEET
Table 4B. LVCMOS/LVTTL Input DC Characteristics, VCC = VCCO = 2.5V ± 5% or 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
Table 4C. Differential Input DC Characteristics, VCC = VCCO = 2.5V ± 5% or 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input
High Voltage1
NOTE 1: VIL should not be lower than -0.3V and VIH should not be higher than VCC + 0.3V.
FSEL[1:0], ADR[1:0]
VCC = 3.3V ± 5%
2.2
VCC + 0.3V
V
SCL, SDA
VCC = 3.3V ± 5%
2.4
VCC + 0.3V
V
FSEL[1:0], ADR[1:0]
VCC = 2.5V ± 5%
1.7
VCC + 0.3V
V
SCL, SDA
VCC = 2.5V ± 5%
1.9
VCC + 0.3V
V
VIL
Input
Low Voltage1
FSEL[1:0], ADR[1:0]
VCC = 3.3V ± 5%
-0.3
0.8
V
SCL, SDA
VCC = 3.3V ± 5%
-0.3
0.8
V
FSEL[1:0], ADR[1:0]
VCC = 2.5V ± 5%
-0.3
0.7
V
SCL, SDA
VCC = 2.5V ± 5%
-0.3
0.5
V
IIH
Input
High Current
FSEL[1:0], ADR[1:0]
VCC = VIN = 2.625 or 3.465V
150
µA
SCL, SDA
VCC = VIN = 2.625 or 3.465V
10
µA
IIL
Input
Low Current
FSEL[1:0], ADR[1:0]
VCC = 2.625 or 3.465V, VIN = 0V
-10
µA
SCL, SDA
VCC = 2.625 or 3.465V, VIN = 0V
-150
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIN
Input Voltage Swing1
NOTE 1: VIL should not be less than -0.3V and VIH should not be greater than VCC
IN, nIN
0.15
1.2
V
VCMR
Common Mode Input Voltage1, 2
NOTE 2: Common Mode Input Voltage is defined as the cross point.
1.2
VCC – (VPP/2)
V
VDIFF_IN
Differential Input Voltage Swing
0.3
2.4
V
RIN
Input Resistance
IN, nIN
IN, nIN to VT
40
50
60
RIN_DIFF
Differential
Input Resistance
IN, nIN
IN to nIN, VT = Open
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com