Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

8T73S208A-01 Datasheet(PDF) 1 Page - Integrated Device Technology

No. de pieza 8T73S208A-01
Descripción Electrónicos  One differential input reference clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208A-01 Datasheet(HTML) 1 Page - Integrated Device Technology

  8T73S208A-01 Datasheet HTML 1Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 2Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 3Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 4Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 5Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 6Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 7Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 8Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DATA SHEET
2.5V, 3.3V Differential LVPECL Clock
Divider and Buffer
8T73S208A-01
8T73S208A-01 REVISION 1 06/15/15
1
©2015 Integrated Device Technology, Inc.
General Description
The 8T73S208A-01 is a high-performance differential LVPECL clock
divider and fanout buffer. The device is designed for the frequency
division and signal fanout of high-frequency, low phase-noise clocks.
The 8T73S208A-01 is characterized to operate from a 2.5V and 3.3V
power supply. Guaranteed output-to-output and part-to-part skew
characteristics make the 8T73S208A-01 ideal for those clock
distribution applications demanding well-defined performance and
repeatability. The integrated input termination resistors make
interfacing to the reference source easy and reduce passive
component count. Each output can be individually enabled or
disabled in the high-impedance state controlled by a I2C register. On
power-up, all outputs are disabled.
Features
One differential input reference clock
Differential pair can accept the following differential input
levels: LVDS, LVPECL, CML
Integrated input termination resistors
Eight LVPECL outputs
Selectable clock frequency division of ÷1, ÷2, ÷4 and ÷8
Maximum input clock frequency: 1GHz
LVCMOS interface levels for the control inputs
Individual output enable/disabled by I2C interface
Power-up state: all outputs disabled
Output skew: 60ps (maximum)
Output rise/fall times: 350ps (maximum)
Low additive phase jitter, RMS: 182fs (typical)
Full 2.5V and 3.3V supply voltages
Lead-free (RoHS 6) 32-Lead VFQFN packaging
-40°C to 85°C ambient operating temperature
Block Diagram
Pin Assignment
fREF
8
2
2
IN
nIN
VT
FSEL[1:0]
SDA
SCL
ADR[1:0]
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
÷1, ÷2,
÷4, ÷8
50
50
Pullup
Pullup
Pulldown (2)
Pulldown (2)
I2C
32
1
VCCO
VCCO
VEE
Q6
nQ6
Q7
nQ7
VEE
FSEL0
VEE
nQ1
Q1
nQ0
Q0
VEE
ADR1
2
3
4
5
6
7
8
9
10111213141516
24
23
22
21
20
19
18
17
31 30 29 28 27 26 25
32-pin, 5mm x 5mm VFQFN


Número de pieza similar - 8T73S208A-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01 Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
8T73S208A-01NLGI IDT-8T73S208A-01NLGI Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T73S208A-01NLGI8 IDT-8T73S208A-01NLGI8 Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
More results

Descripción similar - 8T73S208A-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Estek Electronics Co. L...
ICL7106 ESTEK-ICL7106 Datasheet
81Kb / 4P
True Differential input and Reference, Direct Display
logo
Integrated Device Techn...
ICS854S006I IDT-ICS854S006I Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
One differential input reference clock
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
One differential input reference clock
IDT8P34S1106I IDT-IDT8P34S1106I Datasheet
312Kb / 18P
One differential clock input pair
8731-01 IDT-8731-01 Datasheet
255Kb / 17P
Differential reference clock input pair
5P49V5908 IDT-5P49V5908 Datasheet
516Kb / 30P
One reference LVCMOS output clock
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
One differential clock input pair
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
Two differential reference clock input pairs
logo
Integrated Silicon Solu...
IS43R32800B ISSI-IS43R32800B Datasheet
556Kb / 39P
Differential clock input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com