Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

8T73S208A-01 Datasheet(PDF) 9 Page - Integrated Device Technology

No. de pieza 8T73S208A-01
Descripción Electrónicos  One differential input reference clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208A-01 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 8T73S208A-01 Datasheet HTML 5Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 6Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 7Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 8Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 9Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 10Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 11Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 12Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
REVISION 1 06/15/15
9
2.5V, 3.3V DIFFERENTIAL LVPECL CLOCK DIVIDER AND BUFFER
8T73S208A-01 DATA SHEET
Parameter Measurement Information
3.3 Core/3.3V LVPECL Output Load AC Test Circuit
Differential Input Level
Output Skew
2.5V Core/2.5V LVPECL Output Load AC Test Circuit
Propagation Delay
Pulse Skew
SCOPE
Qx
nQx
V
EE
VCC,
2V
-1.3V±0.165V
VCCO
V
CMR
Cross Points
V
IN
VCC
VEE
nIN
IN
nQx
Qx
nQy
Qy
SCOPE
Qx
nQx
V
EE
VCC,
2V
-0.5V ± 0.125V
VCCO
t
PD
nIN
IN
nQ[0:7]
Q[0:7]
t
PLH
t
PHL
tsk(p)= |tPHL - tPLH|
nIN
IN
nQy
Qy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com