Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM5037MT/NOPB Datasheet(PDF) 26 Page - Texas Instruments

No. de pieza LM5037MT/NOPB
Descripción Electrónicos  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 22Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 23Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 24Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 25Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 26Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 27Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 28Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 29Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
t3 =
CSS x 4V
100 2A
= 40K x CSS
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
Application Information (continued)
If CSS = 0.01 µF, t2 is ≊10 ms.
The soft-start time t3 is set by the internal 100 µA current source, and is equal to:
(12)
If CSS = 0.01 µF, t3 is ≊ 400 µs.
The time t2 provides a periodic cool-down time for the power converter in the event of a sustained overload or
short circuit. This off time results in lower average input current and lower power dissipation within the power
components. It is recommended that the ratio of t2 / (t1 + t3) be in the range of 5 to 10 to take advantage of this
feature.
If the application requires no delay from the first detection of a current limit condition to the onset of the hiccup
mode (t1 = 0), the RES pin can be left open (no external capacitor). To disable the hiccup mode entirely, connect
the RES pin to ground (AGND).
8.2 Typical Application
Figure 27 shows an example of an LM5037-controlled 50-W half-bridge converter. The converter provides a
single regulated 5-V output at 10 A, from a standard Telecoms 36-V to 72-V input. The converter is configured
for feed-forward voltage-mode control. An auxiliary winding on the power transformer is used to supply the VCC
voltage externally, to reduce the power dissipation in the device.
26
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com