Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM5037MT/NOPB Datasheet(PDF) 30 Page - Texas Instruments

No. de pieza LM5037MT/NOPB
Descripción Electrónicos  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 26Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 27Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 28Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 29Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 30Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 31Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 32Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 33Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
S
ILIM
P
0.25 V
0.25 V
R11
3.2
N
I
1
1.24
1
1
I
15
2
N
CSR
2
2
100
=
=
=
W
D
æ
ö
æ
ö
+
´
´
+
´
´
ç
÷
ç
÷
è
ø
è
ø
HICCUP
SS
t1
1.11
D
1.09 %
t1
t2
t
1.11 100
1
=
=
=
+
+
+
+
1.0 V
C12
1.0 V
100 nF
t2
100 ms
1 A
1 A
æ
ö æ
ö
´
´ ´
=
=
=
ç
÷ ç
÷
m
m
è
ø è
ø
2.0 V
C13
2.0 V
10 nF
t1
1.11 ms
18
A
18
A
æ
ö æ
ö
´
´
=
=
=
ç
÷ ç
÷
m
m
è
ø è
ø
( )
SS dly
1.0 V C12
1.0 V 0.1 F
t
1.0 ms
100 A
100 A
æ
ö æ
ö
´
´
m
=
=
=
ç
÷ ç
÷
m
m
è
ø è
ø
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
Use the nearest E96 value of 140 k
Ω.
8.2.2.7 Soft-Start Delay
Use Equation 21 to calculate the time period from soft-start delay to commencement of first PWM switching.
(21)
After the soft-start delay period, the soft-start ramp time depends on the power stage design and the operating
conditions (input voltage and output load).
8.2.2.8 Overload Timer
With a timing capacitance of 10 nF on the RES pin (C13), calculate hiccup-mode timing and duty cycle for a
sustained over-current condition using Equation 22 and Equation 23. Time period t1 describes the hiccup-mode
current-limit persist time and time period t2 describes hiccup-mode cool-down off-time.
(22)
(23)
Calculate the hiccup-mode duty cycle using Equation 24.
(24)
8.2.2.9 Current Sense
In order to improve the efficiency, a current sense transformer (T2) is used. This transformer uses a 1:100 step-
down ratio. This ratio reduces the power dissipation in the current-sense resistor, R11.
Set the current-limit point after calculating the
•
output inductor peak-to-peak ripple current when the device operates in CCM
•
the turns ratios of the main transformer (NS/NP)
•
the turns ratios of the current-sense transformer (CSR)
Using the full load output current of 10 A, and the current limit target of 150%, or 15 A, calculate the required
value for R11. The R11 resistance must generate a voltage at the CS pin to equal the internal cycle-by-cycle limit
of nominally 0.25 V at the current limit level at the output.
(25)
Round the calculated R11 resistance to a standard 3
Ω. If the power stage operates heavily in CCM, the output
inductor ripple component can be ignored to yield a good first-order approximation to the required value.
8.2.2.10 Output Voltage Feedback
Because the output of the DC-DC converter is isolated from the input, this design uses a secondary-side
reference (U5) and error amplifier (U3). The output of the error amplifier, U3 represents the required demand
level to maintain regulation as a function of output load and input line. The design couples the demand signal
across the isolation barrier to the primary through opto-coupler, U6.
Because the error amplifier and reference reside on the secondary side, this design disregards the internal
reference and error amplifier features of the LM5037 device. The FB pin of the LM5037 device is connected to
GND, which forces the COMP pin to pull up to approximately 5 V through the internal 5-k
Ω pull-up resistance.
The opto-coupler, U6 then externally pulls down on the COMP pin to set the required level to achieve the
required duty cycle at any given load or line level.
30
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com