Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM5037MT/NOPB Datasheet(PDF) 29 Page - Texas Instruments

No. de pieza LM5037MT/NOPB
Descripción Electrónicos  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 25Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 26Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 27Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 28Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 29Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 30Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 31Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 32Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
( )
RAMP
OSC
IN min
1
1
R4
139.5 k
0.85
V
300 k
1 nF
ln 1
f
C9
ln 1
36
V
æ
ö
ç
÷ æ
ö
ç
÷ ç
÷
-
-
ç
÷ ç
÷
=
=
=
W
ç
÷ ç
÷
æ
ö
æ
ö
W ´
´
-
ç
÷ ç
÷
ç
÷
ç
÷
´
´
-
è
ø
è
ø
ç
÷
ç
÷
è
ø
è
ø
R5
IN
1.25
R
1.25
150 k
R6
5.73 k
V
1.25
34
1.25
æ
ö
´
´
W
=
=
=
W
ç
÷
-
-
è
ø
3
3
IN
HYS
20
10
V
20
10
34
V
4
1.25
1.25
R5
157.1 k
22
A
22
A
-
-
æ
ö æ
ö
æ
ö
æ
ö
´
´
´
´
ç
÷ ç
÷
ç
÷
-
- ç
÷
ç
÷
ç
÷
ç
÷ ç
÷
è
ø
è
ø
=
=
=
W
ç
÷ ç
÷
m
m
ç
÷ ç
÷
ç
÷ ç
÷
ç
÷
ç
÷ è
ø
è
ø
æ
ö
æ
ö
´
æ
ö
æ
ö
ç
÷
ç
÷
-
´
´
-
ç
÷
ç
÷
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
è
ø
D
=
´
=
=
´
2
OUT
P
S
IN
OUT
OUT
IN
S
P
P _ P
P _ P
OUT
OSC
OUT
OSC
2 V
N
N
V
V
V
V
N
2
N
D
I
1.24 A
L
f
L
f
æ
ö
´
´
´ ´
æ
ö
=
=
=
ç
÷
ç
÷
´
´
è
ø
è
ø
OUT
P
IN
S
2
V
N
2
5
2
D
67%
V
N
30
1
LM5037
www.ti.com
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
(16)
Equation 16 shows that there is sufficient tolerance to the oscillator 95% DMAX setting (set by the RT2 resistor
value). Use Equation 17 to estimate the peak-to-peak ripple current (IP-P) in continuous conduction mode (CCM)
once the duty cycle (D), fOSC frequency and turns ratio, and output inductance (LOUT) are calculated or chosen.
(17)
8.2.2.3 Half-Bridge MOSFET Driver
Because this application uses half-bridge power stage MOSFETs connected in series between the VIN pin and
GND, the Q1 device is high-side or floating. No high-side floating driver or bootstrap circuit which are necessary
to drive Q1 exists in this device. Both of the outputs (OUTA and OUTB) are low-side or ground referenced.
This design uses an external high-side and low-side half-bridge driver device (U2, LM5100) to interface between
the gate drive outputs and the actual gates of Q1 and Q2. The design requires a bootstrap capacitor (C16) to
generate the necessary high-side or floating bias supply for the high-side driver section of the LM5100.
8.2.2.4 UVLO Setting
To ensure start-up at the required minimum system input voltage of 34 V, with the 4 V of hysteresis to the
desired turn-off level, calculate the UVLO divider resistors R5 and R6 using Equation 18 and Equation 19.
(18)
Round this calculated value to the more convenient value of 150 k
Ω.
(19)
Use the nearest standard E96 value of 5.76 k
Ω.
8.2.2.5 VIN, VCC, Start-Up
To reduce the power dissipation in the internal start-up regulator on the VIN pin, use a separate external VCC
supply. Usually, it is the auxiliary winding on the transformer that derives this external VCC supply. The auxiliary
to secondary turns ratio is 2:1, so when the output voltage regulates at 5 V, the auxiliary VCC voltage
approximately 10 V. This is sufficiently greater than the maximum internal VCC regulator level of 8 V to back-bias
the internal regulator after start-up.
8.2.2.6 Voltage-Mode Ramp Input
Because this design uses voltage-mode control, connect an R-C network from the system input voltage to the
RAMP pin, R4 and C9 as shown in Figure 27. Use Equation 5 to calculate the required R-C values. Using a
value of 1 nF for C9, and targeting a ramp amplitude of 850 mV at VIN(min) (a good compromise between signal
range and noise immunity), Equation 20 calculates the required value R4.
(20)
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com