Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM5037MT/NOPB Datasheet(PDF) 33 Page - Texas Instruments

No. de pieza LM5037MT/NOPB
Descripción Electrónicos  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 29Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 30Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 31Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 32Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 33Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 34Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 35Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 36Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
RAMP
RT1
CS
OUTB
PGND
SS
RES
UVLO
COMP
FB
RT2
REF
VIN
VCC
OUTA
AGND
LM5037
From VIN
From FB
From CS
To GDA
To GDB
LM5037
www.ti.com
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
10 Layout
10.1 Layout Guidelines
The LM5037 device current sense and PWM comparators are very fast, and respond to short duration noise
pulses. Place components for the CS, COMP, SS, UVLO, RT2 and the RT1/SYNC pins as physically close as
possible to the device. This placement minimizes noise pickup on the PC board trace inductances.
Layout considerations are critical for the current sense filter. If a current sense transformer is used, both leads of
the transformer secondary should be routed to the sense filter components and to the device pins. The ground
side of the transformer should be connected via a dedicated PC board trace to the AGND pin, rather than
through the ground plane.
If the current sense circuit employs a sense resistor in the drive transistor source, low inductance resistors
should be used. In this case, all the noise sensitive, low-current ground trace should be connected in common
near the device, and then a single connection made to the power ground (sense resistor ground point).
While employing current mode control, RAMP pin capacitor and CS pin capacitor must be placed close to the
device. Also, a short direct trace should be employed to connect RAMP capacitor to the CS pin.
The gate drive outputs of the device should have short, direct paths to the power MOSFETs in order to minimize
inductance in the PC board The two ground pins (AGND, PGND) must be connected together with a short, direct
connection, to avoid jitter due to relative ground bounce.
If the internal dissipation of the device produces high junction temperatures during normal operation, the use of
multiple vias under the device to a ground plane can help conduct heat away from the device. Judicious
positioning of the PC board within the end product, along with use of any available air flow (forced or natural
convection) helps reduce the junction temperatures. If using forced air cooling, avoid placing the device in the
airflow shadow of tall components, such as input capacitors.
10.2 Layout Example
Figure 35. LM5037 Board Layout
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com