Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM5037MT/NOPB Datasheet(PDF) 23 Page - Texas Instruments

No. de pieza LM5037MT/NOPB
Descripción Electrónicos  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 19Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 20Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 21Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 22Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 23Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 24Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 25Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 26Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Slope-Comp =
Turns-Ratio x Vout x RCS
FOSC x Lfilter
CFilter =
50 x 10
-9
3 x 25:
VPWR
CS
OUTB
OUTA
Vin
Power Transformer
RF
CF
R1
LM5037
Q1
Q2
LM5037
www.ti.com
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
Application Information (continued)
Figure 23. Current Sense Using Current Sense Resistor (R1)
Configuration and component selection for current mode control is recommended as follows: The current sense
resistor is selected such that during over current condition, the voltage across the current sense resistor is above
the minimum CS threshold of 220 mV. It is recommended to set the impedances of RFilter and CFilter as seen from
Cslope at relatively low values, so that the slope compensation is primarily dictated by Rslope and Cslope
components. For example, if the filtering time (RFilter and CFilter) for leading edge noise is selected for 50 ns and if
the value selected for RFilter = 25Ω, then
(6)
Equation 6 results in a value of CFilter = 680 pF (approximated to a standard value). In general, the amount of
slope compensation required to avoid sub-harmonic oscillation is equal to at least one-half the down-slope of the
output inductor current, transformed to the primary. To mitigate sub-harmonic oscillation after one switching
period, the slope compensation has to be equal to one times the down slope of the filter inductor current
transformed to primary. This is known as deadbeat control. For circuits where primary current is sensed using a
resistor, the amount of slope compensation for dead-beat control required can be calculated from:
where
•
turns-ratio is referred with respect to the primary
(7)
For example, for a 5-V output converter with a turns ratio between secondary and primary of 1:2, an oscillator
frequency (fOSC) of 250 kHz, a filter inductance of 4 µH (LFilter) and a current sense resistor (RCS) of 32 mΩ, slope
compensation of 80 mV suffices. The slope compensation "volts" that results from the above expression is the
maximum voltage of the artificial ramp added linearly to the RAMP pin till the end of maximum switching period.
For circuits where a current sense transformer is used for primary current sensing, the turns-ratio of the current
sense transformer has to be taken into account.
Cslope should be selected such that it can be fully discharged by the internal RAMP discharge FET. Capacitor
values ranging from 100 pF to 1500 pF are recommended. The value must be small enough such that the
capacitor can be discharged within the clock (CLK) pulse width each cycle.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com