Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM5037MT/NOPB Datasheet(PDF) 32 Page - Texas Instruments

No. de pieza LM5037MT/NOPB
Descripción Electrónicos  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5037MT/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM5037MT/NOPB Datasheet HTML 28Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 29Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 30Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 31Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 32Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 33Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 34Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 35Page - Texas Instruments LM5037MT/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
VIN = 48 Vdc
VOUT(P-P), 50 mV/div
VIN = 48 Vdc
Top Trace: IOUT Step, 5 A to 10 A
IOUT = 10 A
Time = 5 µs/div
IOUT Step, 5 A to 10 A
Bottom Trace: VOUT, 100 mV/div
Bandwidth Limit = 20 MHz
Time = 200 µs/div
Bandwidth Limit = 20 MHz
Figure 32. Output Ripple
Figure 33. Transient Response
fSW = 250 kHz
Figure 34. Efficiency vs. Load Current
9 Power Supply Recommendations
The VCC pin requires a local decoupling capacitor that is connected to GND. This capacitor ensures stability of
the internal regulator from the VIN pin. The decoupling capacitor also provides the current pulses to drive the
gates of the external MOSFETs through the driver output pins. Place the decoupling capacitor close to the VCC
and PGND pins and track it directly to those pins.
The two ground pins (PGND and AGND) must be connected together with a short, direct PCB connection.
32
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com