Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS3955 Datasheet(PDF) 7 Page - ams AG

No. de pieza AS3955
Descripción Electrónicos  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 7 Page - ams AG

Back Button AS3955 Datasheet HTML 3Page - ams AG AS3955 Datasheet HTML 4Page - ams AG AS3955 Datasheet HTML 5Page - ams AG AS3955 Datasheet HTML 6Page - ams AG AS3955 Datasheet HTML 7Page - ams AG AS3955 Datasheet HTML 8Page - ams AG AS3955 Datasheet HTML 9Page - ams AG AS3955 Datasheet HTML 10Page - ams AG AS3955 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
ams Datasheet
Page 7
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Pin Assignments
Pin Description
Figure 5:
Pin Description
Note(s) and/or Footnote(s):
1. Pin meas is not bonded in MLPD package. It is only used during wafer sort test.
10-pin
MLPD
10-pin
WL-CSP
Die
Pin Name
Pin Type
Description
NA
NA
1
meas
Analog I/O
Analog test pin (1)
1
C4
2
VP_IO
Supply Pad
Positive supply of the interface / IC
2B1
3
VP_REG
Analog
Output
Regulator output
3C3
4
LC1
Analog I/O
Connection to tag coil
4
C2
5
LC2
Connection to tag coil
5
C1
6
VSS
Supply Pad
Ground, die substrate potential
6A1
9
/SS
Digital
Input
SPI enable (active low) /
I²C interface enable
7
A3
10
SCLK / SCL
SPI / I²C clock
8A2
11
MOSI
SPI data input
9A4
12
MISO / SDA
Digital
Output /
Tristate
SPI data output / I²C data line
10
B4
13
IRQ
Digital
Output
Interrupt request output
(active high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com