| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3955 Datasheet(PDF) 19 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 Datasheet(HTML) 19 Page - ams AG |
|
19 / 111 page ![]() ams Datasheet Page 19 [v1-01] 2015-Apr-29 Document Feedback AS3955 − Detailed Description NFC Tag Functionality Communication Principle AS3955 autonomously executes complete NFC-A anti-collision communication sequence, during which the 7-byte UID is used ([NFC Analog] [NFC Digital]). After anti-collision, the NFC tag is brought into SELECTED state where read and write commands can be processed. The NFC tag will accept only read and write command issued to the address space actually available in AS3955 EEPROM. Any attempt to access an address outside the internal memory address space will be rejected. This default behavior of the NFC tag can be modified by enabling Tunneling or Extended mode. A simplified AS3955 state diagram is shown in Figure 17. Figure 17: AS3955 State Diagram POWER OFF (RF field off) SENSE SLEEP AUTHENTICATED Reset ALL_REQ SENS_REQ ALL_REQ WRITE Authentication Password READ (16 bytes) WRITE (4 bytes) GET VERSION RESOLUTION ANTI-COLLISION SEL_REQ SLP_REQ SLP_REQ SELECTED READ (16 bytes) WRITE (4 bytes) GET VERSION |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |