| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3955 Datasheet(PDF) 29 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 Datasheet(HTML) 29 Page - ams AG |
|
29 / 111 page ![]() ams Datasheet Page 29 [v1-01] 2015-Apr-29 Document Feedback AS3955 − Detailed Description UID Bytes The UID block contains four LSB bytes of the 7-byte UID which is used during anti-collision and selection process. Every IC is programmed by a unique number during fabrication process at ams. See UID Coding about details on UID. This block stores some IC manufacturer data which is programmed and locked during fabrication process at ams. UID is treated as IC internal configuration, and is permanently locked during IC production. Fabrication Data Fabrication data are used to set internal configuration and trimming values. They are treated as IC internal configuration. Fabrication Data FAB_CFG0 Figure 29: Fabrication Data FAB_CFG0 Note(s) and/or Footnote(s): 1. This byte can be set only during production. Conf. Bit Name Default Function Note b7 0 Internal configuration b6 0 b5 0 b4 0 b3 0 b2 0 b1 0 b0 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |