| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3955 Datasheet(PDF) 3 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 Datasheet(HTML) 3 Page - ams AG |
|
3 / 111 page ![]() ams Datasheet Page 3 [v1-01] 2015-Apr-29 Document Feedback AS3955 − General Description Applications AS3955 is suited to a wide range of applications, including • NFC connection handover (Bluetooth™, Bluetooth Low Energy, Wi-Fi pairing) • Equipment setup, service and configuration • Firmware upgrades • Activity and status logging • Wireless authentication (e.g. access control to buildings and equipment) Typical Markets: • EMV payment cards • Consumer electronics, wearables and smart clothing • Home appliances • Automotive • Industrial equipment and building automation • Remote sensing • Gaming A typical system diagram is depicted in Figure 2. At the presence of a 13.56 MHz field generated by a NFC device, AS3955 powers up, notifies the microcontroller through a wake-up signal and handles the tag activation sequence. Depending on configuration, several operations are then possible: • AS3955 exchanges with the NFC device NDEF data stored in the internal EEPROM • The microcontroller exchanges with the NFC device NDEF data stored in external memory • The microcontroller exchanges data with AS3955. This operation can be performed concurrently with communication over the RF link, or also in absence of RF power, in presence of an external supply. Figure 2: Typical System Diagram AS3955 microcontroller I²C or SPI wake-up |