| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3955 Datasheet(PDF) 12 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 Datasheet(HTML) 12 Page - ams AG |
|
12 / 111 page ![]() Page 12 ams Datasheet Document Feedback [v1-01] 2015-Apr-29 AS3955 − Detailed Description Analog Frontend (AFE) The AFE is connected to external tag coil, which together with the integrated resonant capacitor forms an LC tank resonating at the external electromagnetic field frequency (13.56 MHz). Figure 13 depicts the main AFE building blocks. Figure 13: PICC AFE Block Diagram Rectifier extracts DC power supply from the AC voltage induced on coil terminals. Limiter limits the maximum voltage on coil terminals to protect AFE from destruction. At voltages that exceed limiter voltage it starts to absorb current (acts as some sort of shunt regulator). Modulator Switch is used for communication the NFC tag to a NFC device. When switched on it will draw current from coil terminals. This mechanism is called load modulation. Variation of current in the modulator switch (ON and OFF state) is seen as modulation by the NFC device. Detailed Description HF PON RECTIFIER MODULATOR SWITCH LIMITER DEMODULATOR CLOCK EXTRACTOR LC1 LC2 NFC Type 2 Tag Logic EXTERNAL REGULATOR BIAS VP_REG INTERNAL REGULATOR VP_INT VREC |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |