| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3955 Datasheet(PDF) 82 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 Datasheet(HTML) 82 Page - ams AG |
|
82 / 111 page ![]() Page 82 ams Datasheet Document Feedback [v1-01] 2015-Apr-29 AS3955 − Register Description Figure 94: Buffer Status Register 1 Note(s) and/or Footnote(s): 1. Power-up and commands Set Default and Clear Buffer reset the content of this register to 0. NFC Last Address Register Figure 95: Last NFC Address Access Register Note(s) and/or Footnote(s): 1. Power-up and commands Set Default and Clear Buffer reset the content of this register to 0. Address 0Dh: Buffer Status Register 1 Bit Name Function Type 7rfu RO 6rfu RO 5rf_busy Extended mode buffer status flags (see Extended Mode); io_busy flag is omitted since in this it is always zero when this byte is read out RO 4 rf_data_rdy RO 3 io_data_rdy RO 2rfu RO 1buf_unf Buffer underflow. Set when read more bytes then actual content of buffer RO 0buf_ovr Buffer overflow. Set when written more bytes then actual content of buffer RO Address 0Eh: Last NFC Address Access Bit Name Function Type 7 last_addr<7> Contains last address accessed by reader. Updated on internal EEPROM access over RF. The address is 8 bit long and contains also access attempts that are higher than the EEPROM address space. Value FFh indicates that the value is being updated and is not valid. RO 6 last_addr<6> 5 last_addr<5> 4 last_addr<4> 3 last_addr<3> 2 last_addr<2> 1 last_addr<1> 0 last_addr<0> |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |