| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VX6953CB Datasheet(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6953CB Datasheet(HTML) 74 Page - STMicroelectronics |
|
74 / 107 page ![]() EDOF control VX6953CB 74/107 8209023 Rev 5 8.3.5 EDoF estimation control (0x0B8A) This register selects the region of interest (ROI) on which to apply the distance estimation processing. Four different ROIs are available: • 0 or 1: uniform • 2: center-weighted • 4: spot (large) • 8: spot (narrow) Considering the above order, with increasing values, the estimation will increase focus on objects in the centre of the image. Figure 31. Focus strategy weightings 8.4 Supermacro mode Unlike the other modes (macro, portrait and landscape), supermacro mode cannot be managed by the automated distance range estimator. The reason is that at distances below 30cm, there is very little information in green and red channels though there is a significant energy in the blue channel. The distance estimator needs the four color channel information to estimate the distance. Below 30cm, unless the distance is manually programmed using register 0x0B88, the EDoF correction will not be accurate. For text or bar code reading, a monochromatic image can be used. EDoF supermacro mode can be used for that purpose as the EDoF reconstruction engine would use the blue channel information to calculate the suitable sharpness and denoising. To enable supermacro mode, the user has to manually program the register 0x0B88 to set a value for distances below 30cm. The register value being the value of the distance in cm. Narrow spot Large spot Center 32 2 2 2 2 2 22 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 00 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 00 00 0 1 0 0 00 0 0 0 0 0 0 0 00 00 0 1 1 1 1 1 1 1 1 Uniform 1 1 1 1 1 11 11 1 11 1 11 11 1 1 1 11 1 11 The image is arranged as 5x5 regions for the weightings. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |