| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VX6953CB Datasheet(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6953CB Datasheet(HTML) 77 Page - STMicroelectronics |
|
77 / 107 page ![]() 8209023 Rev 5 77/107 VX6953CB Image optimization 9 Image optimization The sensor has the following image optimizations: • mapped couplet correction (using couplet location stored in NVM memory) • dynamic couplet and singlet correction • green imbalance correction • depth of field correction (EDoF) • lens shading correction Figure 32 shows the processing pipe. Figure 32. Processing pipe Note: Defect correction must be enabled as it occurs before the EDoF processing. Defect correction settings are given in the Personality file (parameters to be loaded during sensor initialisation), see Section 7.2 on page 68. Lens shading correction Mapped couplet correction EDOF Green imbalance correction Imaging array Dynamic couplet and singlet correction |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |