| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VX6953CB Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6953CB Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 107 page ![]() Overview VX6953CB 12/107 8209023 Rev 5 1.1 VX6953CB use in a system with a hardware coprocessor The VX6953CB is an image sensor and it can be paired with either STV0986 or STV0987 STMicroelectronics companion processor. The coprocessor and the sensor together form a complete imaging system. Figure 1 illustrates a typical system using VX6953CB, a coprocessor and a secondary camera VW6558 (CIF + camera for video conferencing). Figure 1. VX6953CB in system with processor VX6953CB VW6558 (VGA) CCP 2.0 Rx CCP 2.0 Rx Input data I/F Output coder MUX Bayer reconstruc- tion Scaler Color engine Color engine House CCI master CCI slave keeper STV0986 Mobile BaseBand EXTCLK XSHUT DOWN XSHUT DOWN CCI CCI XSHUT DOWN CCI CCP CCP CCP2 TX CCI Pixel array and imaging processes imaging processes CCI Pixel array and or STV0987 CCP2 TX |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |