| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VX6953CB Datasheet(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6953CB Datasheet(HTML) 49 Page - STMicroelectronics |
|
49 / 107 page ![]() 8209023 Rev 5 49/107 VX6953CB Video data interface Figure 12. VX6953CB CCP frame format Figure 13. VX6953CB CSI-2 frame format Data format VX6953CB allows different data formats such as RAW10, RAW8 and 10-8 bit compressed: • RAW10 is a 10-bit depth RAW Bayer format • RAW8 is an 8-bit depth RAW Bayer format • 10-8 is a 10-bit RAW format compressed in 8-bit depth Embedded data lines The embedded data lines provide a mechanism to embed non-image data such as sensor configuration details and image statistics values with a frame of data. VX6953CB has two embedded data lines at the start of the frame. Dummy columns The VX6953CB has zero dummy columns. Interframe padding Bayer pixel data FE FS Embedded data lines Frame start code Frame end code Bayer pixel data Embedded data Frame start packet Frame end packet Line blanking Frame blanking FE FS |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |