| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VX6953CB Datasheet(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6953CB Datasheet(HTML) 84 Page - STMicroelectronics |
|
84 / 107 page ![]() Image optimization VX6953CB 84/107 8209023 Rev 5 An example of a corrected Bayer pattern is shown in Figure 44. Figure 44. Corrected Bayer pattern 9.3 Mapped couplet correction (Bruce) The mapped couplet defect correction filter is designed to intelligently correct the first defect in a couplet thereby changing a couplet into a single pixel defect. Single pixel defects can then be corrected using the dynamic defect correction filter. The mapped couplet correction filter requires exact coordinate information for each of the couplets to be repaired. The couplet coordinates are stored in non-volatile-memory (NVM) during production test. The mapped couplet correction filter does not operate in binning mode or in subsample mode and is automatically disabled. The mapped couplet correction is controlled by register 0x0B05: 0 - Disable 1 - Enable Colorized original Bayer Colorized corrected Bayer |