| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VX6953CB Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6953CB Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 107 page ![]() Functional description VX6953CB 24/107 8209023 Rev 5 Figure 8. VX6953CB power-down sequence for CSI-2 mode EXTCLK (Free running) EXTCLK (Gated) SDA SCL CLKP/- DATAP/- EXTCLK may be free running or gated Configure device t8 STREAMING LP11 High-Speed TX t12 t11 VDIG XSHUTDOWN POWER-OFF HW- STANDBY High-Speed TX Stop streaming t9 VANA SW_STANDBY This is an example of VANA falling after VDIG LP11 t10 ULPS ULPS ULPS ULPS Undefined (power is OFF) Undefined (power is OFF) LP00 LP00 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |