Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD720122 Datasheet(PDF) 30 Page - NEC

No. de pieza UPD720122
Descripción Electrónicos  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 30 Page - NEC

Back Button UPD720122 Datasheet HTML 26Page - NEC UPD720122 Datasheet HTML 27Page - NEC UPD720122 Datasheet HTML 28Page - NEC UPD720122 Datasheet HTML 29Page - NEC UPD720122 Datasheet HTML 30Page - NEC UPD720122 Datasheet HTML 31Page - NEC UPD720122 Datasheet HTML 32Page - NEC UPD720122 Datasheet HTML 33Page - NEC UPD720122 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
Data Sheet S16685EJ2V0DS
30
µPD720122
(c) CPU bus DMA demand read transfer timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
T45
DMA request acknowledge setup time (RDB
↓)
0
ns
T46
DMA demand mode read transfer cycle time
91
ns
T47
Read command width
57
ns
T48
Read command inactive time
34
ns
T49
Read data delay time (RDB
↓)
57
ns
T50
Buffer direction change time (RDB
↓)
14
ns
T51
Read data hold time (RDB
↑)
4
ns
T52
EP1_TCB setup time (RDB
↓)
0
Note
ns
T53
EP1_TCB hold time (RDB
↓)
17
ns
T54
EP1_STOPB delay time (RDB
↓)
15
ns
T55
EP1_STOPB delay time (RDB
↑)
3
ns
T56
DMA request off time (RDB
↑)
59
ns
T57
DMA request acknowledge hold time (RDB
↑)
0
ns
T69
DMA request off time (EP1_DACKB
↓)
38
ns
T71
DMA request off time (EP1_DACKB
↓) 1 cycle transfer
38
ns
T72
DMA request on time (EP1_DACKB
↑)
88
ns
T74
DMA request off time (RDB
↓)
60
ns
Note
Can be input after immediately previous RDB
↑.
Remark
It is assumed that the external pin capacitance is 15 pF (data bus = 50 pF).
(Overall)
EP1_DRQB
EP1_TCB
D15 to D0
RDB
EP1_DACKB
N cycle
N
−−−− 1 cycle
1 cycle
t46
t47
t48
t49
t51
t56
High level
t45
t50
t57
EP1_STOPB
High level
t54
t55
EP1_STOPB is not asserted in the
case of a full packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com