Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD720122 Datasheet(PDF) 55 Page - NEC

No. de pieza UPD720122
Descripción Electrónicos  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 55 Page - NEC

Back Button UPD720122 Datasheet HTML 51Page - NEC UPD720122 Datasheet HTML 52Page - NEC UPD720122 Datasheet HTML 53Page - NEC UPD720122 Datasheet HTML 54Page - NEC UPD720122 Datasheet HTML 55Page - NEC UPD720122 Datasheet HTML 56Page - NEC UPD720122 Datasheet HTML 57Page - NEC UPD720122 Datasheet HTML 58Page - NEC UPD720122 Datasheet HTML 59Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
Data Sheet S16685EJ2V0DS
55
µPD720122
(If EP1_TCB is input when retransmission is executed)
EP2_WRB
EP2_TCB
L16t64
L16t65
EP2_DRQB
EP2_DACKB
L16t70
L16t58
(e) External local bus 16-bit mode DMA EP1_Read transfer vs. EP2_Write transfer timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
L16T68
EP1_RDB vs. EP2_WRB command inactive time
34
ns
Remark
It is assumed that the external pin capacitance is 15 pF (data bus = 50 pF).
EP1_DACKB
EP1_RDB
EP1_DRQB
EP2_DACKB
EP2_WRB
EP2_DRQB
L16t45
L16t57
L16t58
L16t68
Low level
Low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com