| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMS320F28069PFPQ Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F28069PFPQ Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 177 page ![]() 21 TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066 TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062 www.ti.com SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016 Submit Documentation Feedback Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065 TMS320F28064 TMS320F28063 TMS320F28062 Specifications Copyright © 2010–2016, Texas Instruments Incorporated (1) IDDIO current is dependent on the electrical loading on the I/O pins. (2) In order to realize the IDDA currents shown for IDLE, STANDBY, and HALT, clock to the ADC module must be turned off explicitly by writing to the PCLKCR0 register. (3) The TYP numbers are applicable over room temperature and nominal voltage. (4) The following is done in a loop: • Data is continuously transmitted out of SPI-A, SPI-B, SCI-A, eCAN-A, McBSP-A, and I2C ports. • The hardware multiplier is exercised. • Watchdog is reset. • ADC is performing continuous conversion. • COMP1 and COMP2 are continuously switching voltages. • GPIO17 is toggled. (5) CLA is continuously performing polynomial calculations. (6) For F2806x devices that do not have CLA, subtract the IDD current number for CLA (see Table 5-2) from the IDD (VREG disabled)/IDDIO (VREG enabled) current numbers shown in Table 5-1 for operational mode. (7) If a quartz crystal or ceramic resonator is used as the clock source, the HALT mode shuts down the on-chip crystal oscillator. (8) To realize the IDD number shown for HALT mode, the following must be done: • PLL2 must be shut down by clearing bit 2 of the PLLCTL register. • A value of 0x00FF must be written to address 0x6822. 5.6 Power Consumption Summary Table 5-1. TMS320F2806x Current Consumption at 90-MHz SYSCLKOUT MODE TEST CONDITIONS VREG ENABLED VREG DISABLED IDDIO (1) IDDA (2) IDD3VFL IDD IDDIO (1) IDDA (2) IDD3VFL TYP (3) MAX TYP (3) MAX TYP (3) MAX TYP (3) MAX TYP (3) MAX TYP (3) MAX TYP (3) MAX Operational (Flash) The following peripheral clocks are enabled: • ePWM1, ePWM2, ePWM3, ePWM4, ePWM5, ePWM6, ePWM7, ePWM8 • eCAP1, eCAP2, eCAP3 • eQEP1, eQEP2 • eCAN • CLA • HRPWM • SCI-A, SCI-B • SPI-A, SPI-B • ADC • I 2C • COMP1, COMP2, COMP3 • CPU-TIMER0, CPU-TIMER1, CPU-TIMER2 • McBSP • USB All PWM pins are toggled at 90 kHz. All I/O pins are left unconnected. (4) (5) Code is running out of flash with 3 wait-states. XCLKOUT is turned off. 185 mA (6) 245 mA (6) 16 mA 22 mA 35 mA 40 mA 165 mA (6) 220 mA (6) 15 mA 20 mA 16 mA 22 mA 35 mA 40 mA IDLE Flash is powered down. XCLKOUT is turned off. All peripheral clocks are turned off. 22 mA 27 mA 15 µA 25 µA 5 µA 10 µA 21 mA 26 mA 120 µA 400 µA 15 µA 25 µA 5 µA 10 µA STANDBY Flash is powered down. Peripheral clocks are off. 9 mA 11 mA 15 µA 25 µA 5 µA 10 µA 8 mA 10 mA 120 µA 400 µA 15 µA 25 µA 5 µA 10 µA HALT Flash is powered down. Peripheral clocks are off. Input clock is disabled. (7) 75 µA 15 µA 25 µA 5 µA 10 µA 25 µA (8) 40 µA 15 µA 25 µA 5 µA 10 µA |