Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFPQ Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMS320F28069PFPQ
Descripción Electrónicos  Fast Interrupt Response and Processing
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFPQ Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320F28069PFPQ Datasheet HTML 79Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 80Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 81Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 82Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 83Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 84Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 85Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 86Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 177 page
background image
0,
Value
Digital
=
V
0
input
when
£
V
V
V
Voltage
Analog
Input
4096
Value
Digital
REFLO
REFHI
REFLO
-
-
´
=
V
input
V
0
when
REFHI
<
<
4095,
Value
Digital
=
V
input
when
REFHI
³
0,
Value
Digital
=
V
0
input
when
£
3.3
V
Voltage
Analog
Input
4096
Value
Digital
REFLO
-
´
=
V
3.3
input
V
0
when
<
<
4095,
Value
Digital
=
V
3.3
input
when
³
83
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
6.9.2.1
Analog-to-Digital Converter (ADC)
6.9.2.1.1 Features
The core of the ADC contains a single 12-bit converter fed by two sample-and-hold circuits. The sample-
and-hold circuits can be sampled simultaneously or sequentially. These, in turn, are fed by a total of up to
16 analog input channels. The converter can be configured to run with an internal bandgap reference to
create true-voltage based conversions or with a pair of external voltage references (VREFHI/VREFLO) to
create ratiometric-based conversions.
Contrary to previous ADC types, this ADC is not sequencer-based. The user can easily create a series of
conversions from a single trigger. However, the basic principle of operation is centered around the
configurations of individual conversions, called SOCs, or Start-Of-Conversions.
Functions of the ADC module include:
•
12-bit ADC core with built-in dual sample-and-hold (S/H)
•
Simultaneous sampling or sequential sampling modes
•
Full range analog input: 0 V to 3.3 V fixed, or VREFHI/VREFLO ratiometric. The digital value of the input
analog voltage is derived by:
–
Internal Reference (VREFLO = VSSA. VREFHI must not exceed VDDA when using either internal or
external reference modes.)
–
External Reference (VREFHI/VREFLO connected to external references. VREFHI must not exceed VDDA
when using either internal or external reference modes.)
•
Up to 16-channel, multiplexed inputs
•
16 SOCs, configurable for trigger, sample window, and channel
•
16 result registers (individually addressable) to store conversion values
•
Multiple trigger sources
–
S/W – software immediate start
–
ePWM 1–8
–
GPIO XINT2
–
CPU Timer 0, CPU Timer 1, CPU Timer 2
–
ADCINT1, ADCINT2
•
9 flexible PIE interrupts, can configure interrupt request after any conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com