| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMS320F28069PFPQ Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F28069PFPQ Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 177 page ![]() 32 TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066 TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062 SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016 www.ti.com Submit Documentation Feedback Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065 TMS320F28064 TMS320F28063 TMS320F28062 Specifications Copyright © 2010–2016, Texas Instruments Incorporated (1) Lower LSPCLK will reduce device power consumption. (2) This is the default reset value if SYSCLKOUT = 90 MHz. 5.13 Clock Specifications 5.13.1 Device Clock Table This section provides the timing requirements and switching characteristics for the various clock options available on the 2806x MCUs. Table 5-5 lists the cycle times of various clocks. Table 5-5. 2806x Clock Table and Nomenclature (90-MHz Devices) MIN NOM MAX UNIT SYSCLKOUT tc(SCO), Cycle time 11.11 500 ns Frequency 2 90 MHz LSPCLK(1) tc(LCO), Cycle time 11.11 44.4(2) ns Frequency 22.5(2) 90 MHz ADC clock tc(ADCCLK), Cycle time 22.22 ns Frequency 45 MHz (1) The PLLLOCKPRD register must be updated based on the number of OSCCLK cycles. If the zero-pin internal oscillators (10 MHz) are used as the clock source, then the PLLLOCKPRD register must be written with a value of 10,000 (minimum). Table 5-6. Device Clocking Requirements/Characteristics MIN NOM MAX UNIT On-chip oscillator (X1/X2 pins) (Crystal/Resonator) tc(OSC), Cycle time 50 200 ns Frequency 5 20 MHz External oscillator/clock source (XCLKIN pin) — PLL Enabled tc(CI), Cycle time (C8) 33.3 200 ns Frequency 5 30 MHz External oscillator/clock source (XCLKIN pin) — PLL Disabled tc(CI), Cycle time (C8) 11.11 250 ns Frequency 4 90 MHz Limp mode SYSCLKOUT (with /2 enabled) Frequency range 1 to 5 MHz XCLKOUT tc(XCO), Cycle time (C1) 44.44 2000 ns Frequency 0.5 22.5 MHz PLL lock time(1) tp 1 ms |