Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFPQ Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMS320F28069PFPQ
Descripción Electrónicos  Fast Interrupt Response and Processing
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFPQ Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320F28069PFPQ Datasheet HTML 47Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 48Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 49Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 50Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 51Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 52Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 53Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 54Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 177 page
background image
M0 Vector RAM (Enabled if VMAP = 0)
M0 SARAM (1K
16, 0-Wait)
´
0x00 0000
0x00 0040
M1 SARAM (1K
16, 0-Wait)
´
0x00 0400
Data Space
Prog Space
Reserved
Peripheral Frame 0
0x00 0800
0x00 0D00
PIE Vector - RAM
(256
16)
(Enabled if
VMAP = 1,
ENPIE = 1)
´
0x00 0E00
Peripheral Frame 0
0x00 1400
Reserved
0x00 8000
L0 DPSARAM (2K
16)
(0-Wait, Secure Zone + ECSL)
´
0x00 8800
L1 DPSARAM (1K
16)
(0-Wait, Secure Zone + ECSL)
´
0x00 8C00
L2 DPSARAM (1K
16)
(0-Wait, Secure Zone + ECSL)
´
0x00 9000
L3 DPSARAM (4K
16)
(0-Wait, Secure Zone + ECSL)
´
0x00 A000
L4 SARAM (8K
16)
(0-Wait, Secure Zone + ECSL)
´
0x00 C000
L5 DPSARAM (8K
16)
(0-Wait, DMA RAM 0)
´
L6 DPSARAM (8K
16)
(0-Wait, DMA RAM 1)
´
0x00 E000
Reserved
0x01 0000
Reserved
0x3D 7800
User OTP (1K
16, Secure Zone + ECSL)
´
0x3D 7C80
Calibration Data
0x3D 7BFA
Reserved
FLASH
(128K
16, 8 Sectors, Secure Zone + ECSL)
´
128-Bit Password
0x3D 8000
0x3F 7FF8
Boot ROM (32K
16, 0-Wait)
´
Vector (32 Vectors, Enabled if VMAP = 1)
0x3F 8000
0x3F FFC0
0x3D 7CC0
Get_mode function
0x3D 7CD0
Reserved
0x3D 7E80
PARTID
Calibration Data
Reserved
0x3D 7EB0
Peripheral Frame 3
(4K
16, Protected)
DMA-Accessible
´
0x00 5000
0x00 4000
Peripheral Frame 2
(4K
16, Protected)
´
0x00 7000
Peripheral Frame 1
(4K
16, Protected)
´
USB Control Registers
(A)
0x00 6000
51
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
A.
On non-USB devices, 0x00 4000–0x00 4FFF is Reserved.
Figure 6-4. 28066 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com