Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFPQ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMS320F28069PFPQ
Descripción Electrónicos  Fast Interrupt Response and Processing
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFPQ Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320F28069PFPQ Datasheet HTML 35Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 36Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 37Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 38Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 39Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 40Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 41Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 42Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 177 page
background image
39
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and Boundary Scan Architecture
6.1.5
Peripheral Bus
To enable migration of peripherals between various Texas Instruments (TI) MCU family of devices, the
devices adopt a peripheral bus standard for peripheral interconnect. The peripheral bus bridge multiplexes
the various busses that make up the processor Memory Bus into a single bus consisting of 16 address
lines and 16 or 32 data lines and associated control signals. Three versions of the peripheral bus are
supported. One version supports only 16-bit accesses (called peripheral frame 2). Another version
supports both 16- and 32-bit accesses (called peripheral frame 1).
6.1.6
Real-Time JTAG and Analysis
The devices implement the standard IEEE 1149.1 JTAG (1) interface for in-circuit based debug.
Additionally, the devices support real-time mode of operation allowing modification of the contents of
memory, peripheral, and register locations while the processor is running and executing code and
servicing interrupts. The user can also single step through non-time-critical code while enabling time-
critical interrupts to be serviced without interference. The device implements the real-time mode in
hardware within the CPU. This is a feature unique to the 28x family of devices, requiring no software
monitor. Additionally, special analysis hardware is provided that allows setting of hardware breakpoint or
data/address watch-points and generating various user-selectable break events when a match occurs.
6.1.7
Flash
The F28069, F28068, F28067, and F28066 devices contain 128K × 16 of embedded flash memory,
segregated into eight 16K × 16 sectors. The F28065, F28064, F28063, and F28062 devices contain 64K ×
16 of embedded flash memory, segregated into eight 8K × 16 sectors. All devices also contain a single
1K × 16 of OTP memory at address range 0x3D 7800 – 0x3D 7BF9. The user can individually erase,
program, and validate a flash sector while leaving other sectors untouched. However, it is not possible to
use one sector of the flash or the OTP to execute flash algorithms that erase or program other sectors.
Special memory pipelining is provided to enable the flash module to achieve higher performance. The
flash/OTP is mapped to both program and data space; therefore, it can be used to execute code or store
data information. Addresses 0x3F 7FF0 – 0x3F 7FF5 are reserved for data variables and should not
contain program code.
NOTE
The Flash and OTP wait-states can be configured by the application. This allows applications
running at slower frequencies to configure the flash to use fewer wait-states.
Flash effective performance can be improved by enabling the flash pipeline mode in the
Flash options register. With this mode enabled, effective performance of linear code
execution will be much faster than the raw performance indicated by the wait-state
configuration alone. The exact performance gain when using the Flash pipeline mode is
application-dependent.
For more information on the Flash options, Flash wait-state, and OTP wait-state registers,
see the Systems Control and Interrupts chapter of the TMS320x2806x Piccolo Technical
Reference Manual (SPRUH18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com