Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFPQ Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMS320F28069PFPQ
Descripción Electrónicos  Fast Interrupt Response and Processing
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFPQ Datasheet(HTML) 95 Page - Texas Instruments

Back Button TMS320F28069PFPQ Datasheet HTML 91Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 92Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 93Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 94Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 95Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 96Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 97Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 98Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 177 page
background image
0
100
200
300
400
500
600
700
800
900
1000
1100
0
50
100
150
200
250
300
350
400
450
500
DAC Step Size (Codes)
15 Codes
7 Codes
3 Codes
1 Code
DAC Accuracy
95
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Hysteresis on the comparator inputs is achieved with a Schmidt trigger configuration. This results in an effective 100-k
Ω feedback
resistance between the output of the comparator and the non-inverting input of the comparator.
6.9.2.3.1 On-Chip Comparator/DAC Electrical Data/Timing
Table 6-32. Electrical Characteristics of the Comparator/DAC
CHARACTERISTIC
MIN
TYP
MAX
UNIT
Comparator
Comparator Input Range
VSSA – VDDA
V
Comparator response time to PWM Trip Zone (Async)
30
ns
Input Offset
±5
mV
Input Hysteresis(1)
35
mV
DAC
DAC Output Range
VSSA – VDDA
V
DAC resolution
10
bits
DAC settling time
See Figure 6-31
DAC Gain
–1.5%
DAC Offset
10
mV
Monotonic
Yes
INL
±3
LSB
Figure 6-31. DAC Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com