Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 127 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 123Page - STMicroelectronics STM32L496VG Datasheet HTML 124Page - STMicroelectronics STM32L496VG Datasheet HTML 125Page - STMicroelectronics STM32L496VG Datasheet HTML 126Page - STMicroelectronics STM32L496VG Datasheet HTML 127Page - STMicroelectronics STM32L496VG Datasheet HTML 128Page - STMicroelectronics STM32L496VG Datasheet HTML 129Page - STMicroelectronics STM32L496VG Datasheet HTML 130Page - STMicroelectronics STM32L496VG Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 263 page
background image
DocID029173 Rev 2
127/263
STM32L496xx
Electrical characteristics
236
Table 34. Typical current consumption in Run, with different codes running from Flash, ART
enable (Cache ON Prefetch OFF) and power supplied
(by external SMPS (VDD12 = 1.05 V)
Symbol
Parameter
Conditions(1)
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48 MHz included,
bypass mode PLL
ON above
48 MHz
all peripherals
disable
Reduced code(2)
1.04
mA
40
µA/MHz
Coremark
1.17
45
Dhrystone 2.1
1.22
47
Fibonacci
1.14
44
While(1)
0.96
37
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters:
SMPS input = 3.3 V, SMPS efficiency = 85%, VDD12 = 1.05 V
2. Reduced code used for characterization results provided in Table 26, Table 28, Table 30.
Table 35. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash, ART disable
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48 MHz included,
bypass mode
PLL ON above
48 MHz
all peripherals
disable
Reduced code(1)
3.1
mA
119
µA/MHz
Coremark
2.85
110
Dhrystone 2.1
2.86
110
Fibonacci
2.63
101
While(1)
2.42
93.1
Reduced code(1)
10
mA
125
µA/MHz
Coremark
9.33
117
Dhrystone 2.1
9.4
118
Fibonacci
8.66
108
While(1)
8.61
108
IDD_ALL
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI = 2 MHz
all peripherals disable
Reduced code(1)
378
µA
189
µA/MHz
Coremark
412
206
Dhrystone 2.1
418
209
Fibonacci
392
196
While(1)
266
133
1. Reduced code used for characterization results provided in Table 26, Table 28, Table 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com