Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 128 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 124Page - STMicroelectronics STM32L496VG Datasheet HTML 125Page - STMicroelectronics STM32L496VG Datasheet HTML 126Page - STMicroelectronics STM32L496VG Datasheet HTML 127Page - STMicroelectronics STM32L496VG Datasheet HTML 128Page - STMicroelectronics STM32L496VG Datasheet HTML 129Page - STMicroelectronics STM32L496VG Datasheet HTML 130Page - STMicroelectronics STM32L496VG Datasheet HTML 131Page - STMicroelectronics STM32L496VG Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 263 page
background image
Electrical characteristics
STM32L496xx
128/263
DocID029173 Rev 2
Table 36. Typical current consumption in Run modes, with different codesrunning from
Flash, ART disable and power supplied by external SMPS (VDD12 = 1.10 V)
Symbol
Parameter
Conditions(1)
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48 MHz included,
bypass mode
PLL ON above
48 MHz
all peripherals
disable
Reduced code(2)
1.34
mA
51
µA/MHz
Coremark
1.23
47
Dhrystone 2.1
1.23
47
Fibonacci
1.13
44
While(1)
1.04
40
Reduced code(1)
3.59
45
Coremark
3.35
42
Dhrystone 2.1
3.38
42
Fibonacci
3.11
39
While(1)
3.10
39
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS
input = 3.3 V, SMPS efficiency = 85%, VDD12 = 1.10 V
2. Reduced code used for characterization results provided in Table 26, Table 28, Table 30.
Table 37. Typical current consumption in Run modes, with different codesrunning from
Flash, ART disable and power supplied by external SMPS (VDD12 = 1.05 V)
Symbol
Parameter
Conditions(1)
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48 MHz included,
bypass mode
PLL ON above
48 MHz
all peripherals
Reduced code(2)
1.22
mA
47
µA/MHz
Coremark
1.12
43
Dhrystone 2.1
1.12
43
Fibonacci
1.03
40
While(1)
0.95
37
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS
input = 3.3 V, SMPS efficiency = 85%, VDD12 = 1.05 V
2. Reduced code used for characterization results provided in Table 26, Table 28, Table 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com