| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L496VG Datasheet(PDF) 255 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L496VG Datasheet(HTML) 255 Page - STMicroelectronics |
|
255 / 263 page ![]() DocID029173 Rev 2 255/263 STM32L496xx Package information 260 7.6 LQFP64 package information Figure 76. LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat package outline 1. Drawing is not to scale. Table 128. LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat package mechanical data Symbol millimeters inches(1) Min Typ Max Min Typ Max A - - 1.600 - - 0.0630 A1 0.050 - 0.150 0.0020 - 0.0059 A2 1.350 1.400 1.450 0.0531 0.0551 0.0571 b 0.170 0.220 0.270 0.0067 0.0087 0.0106 c 0.090 - 0.200 0.0035 - 0.0079 D - 12.000 - - 0.4724 - D1 - 10.000 - - 0.3937 - D3 - 7.500 - - 0.2953 - E - 12.000 - - 0.4724 - E1 - 10.000 - - 0.3937 - |