Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 259 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 259 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 255Page - STMicroelectronics STM32L496VG Datasheet HTML 256Page - STMicroelectronics STM32L496VG Datasheet HTML 257Page - STMicroelectronics STM32L496VG Datasheet HTML 258Page - STMicroelectronics STM32L496VG Datasheet HTML 259Page - STMicroelectronics STM32L496VG Datasheet HTML 260Page - STMicroelectronics STM32L496VG Datasheet HTML 261Page - STMicroelectronics STM32L496VG Datasheet HTML 262Page - STMicroelectronics STM32L496VG Datasheet HTML 263Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 259 / 263 page
background image
DocID029173 Rev 2
259/263
STM32L496xx
Package information
260
The following examples show how to calculate the temperature range needed for a given
application.
Example 1: High-performance application
Assuming the following application conditions:
Maximum ambient temperature TAmax = 82 °C (measured according to JESD51-2),
IDDmax = 50 mA, VDD = 3.5 V, maximum 20 I/Os used at the same time in output at low
level with IOL = 8 mA, VOL= 0.4 V and maximum 8 I/Os used at the same time in output
at low level with IOL = 20 mA, VOL= 1.3 V
PINTmax = 50 mA × 3.5 V= 175 mW
PIOmax = 20 × 8 mA × 0.4 V + 8 × 20 mA × 1.3 V = 272 mW
This gives: PINTmax = 175 mW and PIOmax = 272 mW:
PDmax = 175 + 272 = 447 mW
Using the values obtained in Table 129 TJmax is calculated as follows:
–
For LQFP100, 42 °C/W
TJmax = 82 °C + (42 °C/W × 447 mW) = 82 °C + 18.774 °C = 100.774 °C
This is within the range of the suffix 6 version parts (–40 < TJ < 105 °C) see Section 8: Part
numbering.
In this case, parts must be ordered at least with the temperature range suffix 6 (see Part
numbering).
Note:
With this given PDmax we can find the TAmax allowed for a given device temperature range
(order code suffix 6 or 3).
Suffix 6: TAmax = TJmax - (42°C/W × 447 mW) = 105-18.774 = 86.226 °C
Suffix 3: TAmax = TJmax - (42°C/W × 447 mW) = 130-18.774 = 111.226 °C
Example 2: High-temperature application
Using the same rules, it is possible to address applications that run at high ambient
temperatures with a low dissipation, as long as junction temperature TJ remains within the
specified range.
Assuming the following application conditions:
Maximum ambient temperature TAmax = 100 °C (measured according to JESD51-2),
IDDmax = 20 mA, VDD = 3.5 V, maximum 20 I/Os used at the same time in output at low
level with IOL = 8 mA, VOL= 0.4 V
PINTmax = 20 mA × 3.5 V= 70 mW
PIOmax = 20 × 8 mA × 0.4 V = 64 mW
This gives: PINTmax = 70 mW and PIOmax = 64 mW:
PDmax = 70 + 64 = 134 mW
Thus: PDmax = 134 mW
Using the values obtained in Table 129 TJmax is calculated as follows:
–
For LQFP100, 42 °C/W
TJmax = 100 °C + (42 °C/W × 134 mW) = 100 °C + 5.628 °C = 105.628 °C
This is above the range of the suffix 6 version parts (–40 < TJ < 105 °C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com