Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6201P291ML Datasheet(PDF) 10 Page - Torex Semiconductor

No. de pieza XC6201P291ML
Descripción Electrónicos  Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P291ML Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6201P291ML Datasheet HTML 6Page - Torex Semiconductor XC6201P291ML Datasheet HTML 7Page - Torex Semiconductor XC6201P291ML Datasheet HTML 8Page - Torex Semiconductor XC6201P291ML Datasheet HTML 9Page - Torex Semiconductor XC6201P291ML Datasheet HTML 10Page - Torex Semiconductor XC6201P291ML Datasheet HTML 11Page - Torex Semiconductor XC6201P291ML Datasheet HTML 12Page - Torex Semiconductor XC6201P291ML Datasheet HTML 13Page - Torex Semiconductor XC6201P291ML Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
XC6201 Series
194
3
■Typical Application Circuit
VIN
VOUT
VSS
1.0
µF(tantalum)
1.0
µF(tantalum)
< External Capacitors>
The XC6201 requires an output capacitor between the VOUT pin and the VSS pin in order to obtain stable output voltages. Where output voltage
is greater than 1.7V, the output capacitor (CL) used should be more than 0.1
µF whether using tantalum or low ESR (ceramic, for example)
capacitors. Where output voltage is between 1.3V ~ 1.6V, it is recommended that only a tantalum capacitor of more than 2.2
µF be used on the
output in order to stabilize operations.
Output Voltage
CIN
CL(tantalum)
CL(low ESR)
1.3V∼1.6V
greater than 0.1
µF greater than 2.2µF
–
1.7V∼6.0V
greater than 0.1
µF greater than 0.1µF greater than 0.1µF
0.001
0.01
0.1
1
10
100
0
50
100
150
200
Load Current:IOUT (mA)
CIN=1.0
µF(ceramic)、CL=0.1、1.0µF(ceramic)
VIN=∼10V, VOUT=1.7∼6.0V
03S_01XC6201 02.9.12 2:35 PM ページ 194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com