Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6201P291ML Datasheet(PDF) 6 Page - Torex Semiconductor

No. de pieza XC6201P291ML
Descripción Electrónicos  Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P291ML Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6201P291ML Datasheet HTML 2Page - Torex Semiconductor XC6201P291ML Datasheet HTML 3Page - Torex Semiconductor XC6201P291ML Datasheet HTML 4Page - Torex Semiconductor XC6201P291ML Datasheet HTML 5Page - Torex Semiconductor XC6201P291ML Datasheet HTML 6Page - Torex Semiconductor XC6201P291ML Datasheet HTML 7Page - Torex Semiconductor XC6201P291ML Datasheet HTML 8Page - Torex Semiconductor XC6201P291ML Datasheet HTML 9Page - Torex Semiconductor XC6201P291ML Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
XC6201 Series
190
3
1 2 3 4
5 6
TO-92(L Type)
(TOP VIEW)
6201
L
1 2 3 4
5 6
TO-92(T Type)
(TOP VIEW)
6201
■Block Diagram
Current
Limit
Voltage
Reference
VIN
VOUT
VSS
GTO-92
DESIGNATOR
P
T
PRODUCT NAME
XC6201P*****
XC6201T*****
DESIGNATOR
1
2
DETECT VOLTAGE ACCURACY
within ±1%
within ±2%
DESIGNATOR
PRODUCT NAME
XC6201*33***
XC6201*50***
PRODUCT NAME
XC6201P**1**
XC6201P**2**
3
5
3
0
VOLTAGE(V)
3.3
5.0
DESIGNATOR
0
1
Produced year
2000
2001
we Represents the Output Voltage
y Denotes the production lot number
0 to 9, A to Z repeated(G.I.J.O.Q.W excepted)
 Note : Character inversion is not used
t Represents a least significant digit of the produced year
q Represents the type of regulator
r Represents the Detect Voltage Accuracy
03S_01XC6201 02.9.12 2:35 PM ページ 190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com