Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6201P291ML Datasheet(PDF) 11 Page - Torex Semiconductor

No. de pieza XC6201P291ML
Descripción Electrónicos  Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P291ML Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6201P291ML Datasheet HTML 7Page - Torex Semiconductor XC6201P291ML Datasheet HTML 8Page - Torex Semiconductor XC6201P291ML Datasheet HTML 9Page - Torex Semiconductor XC6201P291ML Datasheet HTML 10Page - Torex Semiconductor XC6201P291ML Datasheet HTML 11Page - Torex Semiconductor XC6201P291ML Datasheet HTML 12Page - Torex Semiconductor XC6201P291ML Datasheet HTML 13Page - Torex Semiconductor XC6201P291ML Datasheet HTML 14Page - Torex Semiconductor XC6201P291ML Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
XC6201
Series
195
3
■Directions for use
■Test Circuits
GNotes on Use
1. Please use this IC within the stipulated absolute maximum ratings as the IC is liable to malfunction outside of such parameters. When the
voltage on VOUT is larger than that of VIN, for example, when there are two power supply, please insert schottky diode between VOUT and VIN
not to exceed the rating of VOUT.
2. There is a possibility that oscillation may occur as a result of the impedance present between the power supply and the IC's input. Where
impedance is 10
Ω or more, please use a capacitor (CIN) of at least 1µF.
With a large output current, operations can be stabilised by increasing capacitor size (CIN). If CIN is small and capacitor size (CL) is
increased, there is a possibility of oscillation due to input impedance.
In such cases, operations can be stabilised by either increasing the size of CIN or decreasing the size of CL.
3. Please ensure that output current (IOUT) is less than Pd
÷ (VIN - VOUT) and does not exceed the stipulated Continuous Total Power Dissipation
value (Pd) for the package.
A
VIN
VOUT
VSS
Open
VIN
VOUT
VSS
1
µF
1
µF
V
Measuring Circuit 1 : Supply Current
Measuring Circuit 2 : Output Voltage, Oscillation Check, Line Regulation, Dropout Voltage, Load Regulation
03S_01XC6201 02.9.12 2:35 PM ページ 195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com