Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DS1963S Datasheet(PDF) 32 Page - Dallas Semiconductor

No. de pieza DS1963S
Descripción Electrónicos  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DALLAS [Dallas Semiconductor]
Página de inicio  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 28Page - Dallas Semiconductor DS1963S Datasheet HTML 29Page - Dallas Semiconductor DS1963S Datasheet HTML 30Page - Dallas Semiconductor DS1963S Datasheet HTML 31Page - Dallas Semiconductor DS1963S Datasheet HTML 32Page - Dallas Semiconductor DS1963S Datasheet HTML 33Page - Dallas Semiconductor DS1963S Datasheet HTML 34Page - Dallas Semiconductor DS1963S Datasheet HTML 35Page - Dallas Semiconductor DS1963S Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
DS1963S
32 of 37
CRC GENERATION
With the DS1963S there are two different types of CRCs (Cyclic Redundancy Checks). One CRC is an
8-bit type. It is computed at the factory and lasered into the most significant byte of the 64-bit ROM. The
equivalent polynomial function of this CRC is X
8
+ X
5
+ X
4
+ 1. To determine whether the ROM data has
been read without error the bus master can compute the CRC value from the first 56 bits of the 64-bit
ROM and compare it to the value read from the DS1963S. This 8-bit CRC is received in the true form
(non-inverted) when reading the ROM.
The other CRC is a 16-bit type, generated according to the standardized CRC16-polynomial function X
16
+ X
15
+ X
2
+ 1. This CRC is used for error detection with the Read Authenticated Page command,
Compute SHA, when reading the scratchpad and for fast verification of a data transfer when writing to
the scratchpad. It is the same type of CRC as is used with NV RAM based iButtons for error detection
within the iButton Extended File Structure. In contrast to the 8-bit CRC, the 16-bit CRC is always
returned or sent in the complemented (inverted) form. A CRC-generator inside the DS1963S chip (Figure
13) will calculate a new 16-bit CRC as shown in the command flow chart of Figure 7. The bus master
may compare the CRC value read from the device to the one it calculates from the data and decides
whether to continue with an operation or to re-read the portion of the data with the CRC error.
With the Write Scratchpad command the CRC is generated by first clearing the CRC generator and then
shifting in the command code, the Target Addresses TA1 and TA2 and all the data bytes. The DS1963S
will transmit this CRC only if the data bytes written to the scratchpad include scratchpad ending offset
11111b. The data may start at any location within the scratchpad. This algorithm applies regardless of the
state of the HIDE-flag. However, if the HIDE-flag is set the data bytes that follow the target address are
used for the CRC-calculation only. They are not received in the scratchpad.
With the Read Scratchpad command the CRC is generated by first clearing the CRC generator and then
shifting in the command code, the Target Addresses TA1 and TA2, the E/S byte, and the scratchpad data
starting at the scratchpad offset. The DS1963S will transmit this CRC only if the reading continues
through the end of the scratchpad, regardless of the actual ending offset. If the HIDE-flag is set the CRC-
calculation uses FFh-bytes instead of the scratchpad data, which remains hidden.
With the Read Authenticated Page command the 16-bit CRC value is the result of shifting the command
byte into the cleared CRC generator, followed by the two address bytes, the data bytes, and the values of
the write-cycle counters of the addressed memory page and its associated secret. The write cycle counters
are shifted in with their least significant byte first. With the Compute SHA command the CRC results
from shifting the command byte into the cleared CRC generator, followed by the Target Addresses TA1
and TA2 and the SHA Control byte.
For more details on generating CRC values including example implementations in both hardware and
software, see the Book of DS19xx iButton Standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com