Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN5E160AS-E Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza VN5E160AS-E
Descripción Electrónicos  Single channel high side driver with analog for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160AS-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN5E160AS-E Datasheet HTML 3Page - STMicroelectronics VN5E160AS-E Datasheet HTML 4Page - STMicroelectronics VN5E160AS-E Datasheet HTML 5Page - STMicroelectronics VN5E160AS-E Datasheet HTML 6Page - STMicroelectronics VN5E160AS-E Datasheet HTML 7Page - STMicroelectronics VN5E160AS-E Datasheet HTML 8Page - STMicroelectronics VN5E160AS-E Datasheet HTML 9Page - STMicroelectronics VN5E160AS-E Datasheet HTML 10Page - STMicroelectronics VN5E160AS-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
VN5E160AS-E
Electrical specifications
Doc ID 15609 Rev 4
7/37
2
Electrical specifications
Figure 3.
Current and voltage conventions(1)
1.
VF = VOUT - VCC during reverse battery condition.
2.1
Absolute maximum ratings
Stressing the device above the ratings listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to the conditions in the “absolute maximum
ratings” table for extended periods may affect device reliability. Refer also to the
STMicroelectronics SURE program and other relevant quality documents.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
-VCC
Reverse DC supply voltage
0.3
V
- IGND
DC reverse ground pin current
200
mA
IOUT
DC output current
Internally limited
A
- IOUT
Reverse DC output current
6
A
IIN
DC input current
-1 to 10
mA
ICSD
DC current sense disable input current
-1 to 10
mA
-ICSENSE DC reverse CS pin current
200
mA
VCSENSE Current sense maximum voltage
VCC -41
+VCC
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com