Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN5E160AS-E Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza VN5E160AS-E
Descripción Electrónicos  Single channel high side driver with analog for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160AS-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN5E160AS-E Datasheet HTML 6Page - STMicroelectronics VN5E160AS-E Datasheet HTML 7Page - STMicroelectronics VN5E160AS-E Datasheet HTML 8Page - STMicroelectronics VN5E160AS-E Datasheet HTML 9Page - STMicroelectronics VN5E160AS-E Datasheet HTML 10Page - STMicroelectronics VN5E160AS-E Datasheet HTML 11Page - STMicroelectronics VN5E160AS-E Datasheet HTML 12Page - STMicroelectronics VN5E160AS-E Datasheet HTML 13Page - STMicroelectronics VN5E160AS-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical specifications
VN5E160AS-E
10/37
Doc ID 15609 Rev 4
Table 7.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Low-level input voltage
0.9
V
IIL
Low-level input current
VIN = 0.9 V
1
µA
VIH
High-level input voltage
2.1
V
IIH
High-level input current
VIN = 2.1 V
10
µA
VI(hyst)
Hysteresis input voltage
0.25
V
VICL
Input voltage clamp
IIN = 1 mA
5.5
7
V
IIN = -1 mA
-0.7
VCSDL
Low-level CS_DIS voltage
0.9
V
ICSDL
Low-level CS_DIS current
VCSD = 0.9 V
1
µA
VCSDH
High-level CS_DIS voltage
2.1
V
ICSDH
High-level CS_DIS current
VCSD = 2.1 V
10
µA
VCSD(hyst)
Hysteresis CS_DIS voltage
0.25
V
VCSCL
CS_DIS voltage clamp
ICSD = 1 mA
5.5
7
V
ICSD = -1 mA
-0.7
Table 8.
Protection and diagnostics(1)
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IlimH
DC short-circuit
current
VCC = 13 V
7
10
14
A
5 V < VCC < 28 V
14
A
IlimL
Short-circuit current
during thermal cycling
VCC = 13 V
TR < Tj < TTSD
2.5
A
TTSD
Shutdown
temperature
150
175
200
°C
TR
Reset temperature
TRS + 1 TRS + 5
°C
TRS
Thermal reset of
STATUS
135
°C
THYST
Thermal hysteresis
(TTSD - TR)
7°C
VDEMAG
Turn-off output
voltage clamp
IOUT = 1 A, VIN =0,
L= 20 mH
VCC -41 VCC -46 VCC -52
V
VON
Output voltage drop
limitation
IOUT = 0.03 A (see Figure 8)
Tj = -40 °C to +150 °C
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com