Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN5E160AS-E Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza VN5E160AS-E
Descripción Electrónicos  Single channel high side driver with analog for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160AS-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN5E160AS-E Datasheet HTML 4Page - STMicroelectronics VN5E160AS-E Datasheet HTML 5Page - STMicroelectronics VN5E160AS-E Datasheet HTML 6Page - STMicroelectronics VN5E160AS-E Datasheet HTML 7Page - STMicroelectronics VN5E160AS-E Datasheet HTML 8Page - STMicroelectronics VN5E160AS-E Datasheet HTML 9Page - STMicroelectronics VN5E160AS-E Datasheet HTML 10Page - STMicroelectronics VN5E160AS-E Datasheet HTML 11Page - STMicroelectronics VN5E160AS-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Electrical specifications
VN5E160AS-E
8/37
Doc ID 15609 Rev 4
2.2
Thermal data
EMAX
Maximum switching energy (single pulse)
(L = 8 mH; RL = 0 Ω; Vbat = 13.5 V; Tjstart = 150 °C;
IOUT = IlimL(Typ.) )
36
mJ
VESD
Electrostatic discharge
(human body model: R = 1.5 K
Ω; C = 100 pF)
–IN
–CS
–CS_DIS
–OUT
–VCC
4000
2000
4000
5000
5000
V
V
V
V
V
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3.
Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
Table 4.
Thermal data
Symbol
Parameter
Max value
Unit
Rthj-pins Thermal resistance junction-pins
30
°C/W
Rthj-amb Thermal resistance junction-ambient
See Figure 36
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com