Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN5E160AS-E Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza VN5E160AS-E
Descripción Electrónicos  Single channel high side driver with analog for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160AS-E Datasheet(HTML) 1 Page - STMicroelectronics

  VN5E160AS-E Datasheet HTML 1Page - STMicroelectronics VN5E160AS-E Datasheet HTML 2Page - STMicroelectronics VN5E160AS-E Datasheet HTML 3Page - STMicroelectronics VN5E160AS-E Datasheet HTML 4Page - STMicroelectronics VN5E160AS-E Datasheet HTML 5Page - STMicroelectronics VN5E160AS-E Datasheet HTML 6Page - STMicroelectronics VN5E160AS-E Datasheet HTML 7Page - STMicroelectronics VN5E160AS-E Datasheet HTML 8Page - STMicroelectronics VN5E160AS-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
September 2013
Doc ID 15609 Rev 4
1/37
1
VN5E160AS-E
Single channel high side driver with analog
for automotive applications
Features
General
– Inrush current active management by
power limitation
– Very low standby current
– 3.0 V CMOS compatible inputs
– Optimized electromagnetic emission
– Very low electromagnetic susceptibility
– In compliance with the 2002/95/EC
european directive
– Very low current sense leakage
Diagnostic functions
– Proportional load current sense
– High-precision current sense for
wide-range currents
– Current sense disable
– OFF-state open-load detection
– Output short to VCC detection
– Overload and short to ground
(power limitation) indication
Protections
– Undervoltage shutdown
– Overvoltage clamp
– Load current limitation
– Self-limiting of fast thermal transients
– Protection against loss of ground and loss
of VCC
– Overtemperature shutdown with
autorestart (thermal shutdown)
– Reverse battery protected
– Electrostatic discharge protection
Application
All types of resistive, inductive and capacitive
loads
Suitable as LED driver
Description
The VN5E160AS-E is a single-channel high-side
driver manufactured in the ST proprietary
VIPower™ M0-5 technology and housed in the
tiny SO-8 package. The VN5E160AS-E is
designed to drive 12 V automotive grounded
loads delivering protection, diagnostics and easy
3 V and 5 V CMOS compatible interface with any
microcontroller.
The device integrates advanced protective
functions such as load current limitation, inrush
and overload active management by power
limitation, overtemperature shut-off with
auto-restart and overvoltage active clamp. A
dedicated analog current sense pin is associated
with every output channel in order to provide
ehnanced diagnostic functions including fast
detection of overload and short-circuit to ground
through power limitation indication,
overtemperature indication, short-circuit to VCC
diagnosis and ON & OFF state open-load
detection. The current sensing and diagnostic
feedback of the whole device can be disabled by
pulling the CS_DIS pin high to allow sharing of
the external sense resistor with other similar
devices.
Max supply voltage
VCC
41 V
Operating voltage range
VCC 4.5 V to 28 V
Max ON-state resistance
(per ch.)
RON
160 m
Ω
Current limitation (typ)
ILIMH
10 A
OFF-state supply current
IS
2 µA(1)
1.
Typical value with all loads connected.
www.st.com


Número de pieza similar - VN5E160AS-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
VN5E160ASO-E STMICROELECTRONICS-VN5E160ASO-E Datasheet
739Kb / 37P
Single channel high-side driver with analog for automotive applications
September 2013 Rev. 5
VN5E160ASOTR-E STMICROELECTRONICS-VN5E160ASOTR-E Datasheet
739Kb / 37P
Single channel high-side driver with analog for automotive applications
September 2013 Rev. 5
VN5E160ASTR-E STMICROELECTRONICS-VN5E160ASTR-E Datasheet
798Kb / 37P
Single channel high side driver with analog for automotive applications
25-May-2011
More results

Descripción similar - VN5E160AS-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
Jan-2005
VN5050AJ-E STMICROELECTRONICS-VN5050AJ-E Datasheet
806Kb / 32P
Single channel high side driver with analog current sense for automotive applications
13-Sep-2007
VN5E160ASTR-E STMICROELECTRONICS-VN5E160ASTR-E Datasheet
798Kb / 37P
Single channel high side driver with analog for automotive applications
25-May-2011
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
10-May-2010
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
Single-channel high-side driver with analog current sense for automotive applications
18-Sep-2013
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VN5E025ASO-E STMICROELECTRONICS-VN5E025ASO-E Datasheet
657Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5E025MJ-E STMICROELECTRONICS-VN5E025MJ-E Datasheet
699Kb / 34P
Single channel high side driver with analog current sense for automotive applications
October 2013 Rev 2
VN5E160ASO-E STMICROELECTRONICS-VN5E160ASO-E Datasheet
739Kb / 37P
Single channel high-side driver with analog for automotive applications
September 2013 Rev. 5
VN5E160MS-E STMICROELECTRONICS-VN5E160MS-E Datasheet
524Kb / 34P
Single-channel high-side driver with analog for automotive applications
September 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com